Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMD967C Datasheet (PDF) - Soshin electric Co., Ltd.

HMD967C Datasheet PDF - Soshin electric Co., Ltd.
Part # HMD967C
Download  HMD967C Download
File Size   120.25 Kbytes
Page   3 Pages
Manufacturer  SOSHIN [Soshin electric Co., Ltd.]
Direct Link  http://www.soshin-ele.com/
Logo SOSHIN - Soshin electric Co., Ltd.
Description 2.4GHz Balun for Bluetooth,Wireless LAN

HMD967C Datasheet (PDF)

Go To PDF Page Download Datasheet
HMD967C Datasheet PDF - Soshin electric Co., Ltd.

Part # HMD967C
Download  HMD967C Click to download

File Size   120.25 Kbytes
Page   3 Pages
Manufacturer  SOSHIN [Soshin electric Co., Ltd.]
Direct Link  http://www.soshin-ele.com/
Logo SOSHIN - Soshin electric Co., Ltd.
Description 2.4GHz Balun for Bluetooth,Wireless LAN

HMD967C Datasheet (HTML) - Soshin electric Co., Ltd.




Similar Part No. - HMD967C

ManufacturerPart #DatasheetDescription
logo
Soshin electric Co., Lt...
HMD960U SOSHIN-HMD960U Datasheet
113Kb / 3P
2.5GHz Balun for Bluetooth, Wireless LAN and WiMAX
HMD962U SOSHIN-HMD962U Datasheet
118Kb / 3P
2.5GHz Balun for Bluetooth,Wireless LAN and WiMAX
HMD963U SOSHIN-HMD963U Datasheet
136Kb / 3P
3.6GHz Balun for WiMAX
HMD964U SOSHIN-HMD964U Datasheet
127Kb / 3P
3.6GHz Balun for WiMAX
HMD965U SOSHIN-HMD965U Datasheet
112Kb / 3P
5GHz Compact, Low profile
More results


Similar Description - HMD967C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HHM1517 TDK-HHM1517_13 Datasheet
166Kb / 9P
Multilayer Balun Transformers For 2.4GHz W-LAN/Bluetooth
HHM1710D1 TDK-HHM1710D1 Datasheet
167Kb / 9P
Multilayer Balun Transformers For 2.4GHz W-LAN/Bluetooth
logo
Soshin electric Co., Lt...
DBF70A001 SOSHIN-DBF70A001 Datasheet
92Kb / 2P
2.4GHz Wireless LAN & Bluetooth
DBF70B001 SOSHIN-DBF70B001 Datasheet
90Kb / 2P
2.4GHz Wireless LAN & Bluetooth
DBF71A001 SOSHIN-DBF71A001 Datasheet
120Kb / 2P
2.4GHz Wireless LAN & Bluetooth
DBF71B001 SOSHIN-DBF71B001 Datasheet
135Kb / 2P
2.4GHz Wireless LAN & Bluetooth
HMD844H SOSHIN-HMD844H Datasheet
141Kb / 4P
2.4GHz BPF for Wireless LAN & Bluetooth
HMD845H SOSHIN-HMD845H Datasheet
207Kb / 4P
2.4GHz BPF for Wireless LAN & Bluetooth
HMD904D SOSHIN-HMD904D Datasheet
165Kb / 3P
2.4GHz LPF for Wireless LAN & Bluetooth
HMD972U SOSHIN-HMD972U Datasheet
84Kb / 3P
2.4GHz Balun for Bluetooth
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com