Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6495 Datasheet (PDF) - Maxim Integrated Products

MAX6495 Datasheet PDF - Maxim Integrated Products
Part # MAX6495
Download  MAX6495 Download
File Size   359.84 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET

MAX6495 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6495 Datasheet PDF - Maxim Integrated Products

Part # MAX6495
Download  MAX6495 Click to download

File Size   359.84 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET

MAX6495 Datasheet (HTML) - Maxim Integrated Products


MAX6495 Product details

General Description
The MAX6495–MAX6499 is a family of small, low-current, overvoltage-protection circuits for high-voltage transient systems such as those found in automotive and industrial applications. These devices monitor the input voltage and control an external nMOSFET switch to isolate the load at the output during an input overvoltage condition. The devices operate over a wide supply voltage range from +5.5V to +72V.
The gate of the nMOSFET is driven high while the monitored input is below the user-adjustable overvoltage threshold. An integrated charge-pump circuit provides a 10V gate-to-source voltage to fully enhance the nMOSFET. When the input voltage exceeds the user-adjusted over voltage threshold, the gate of the MOSFET is quickly pulled low, disconnecting the load from the input. In some applications, disconnecting the output from the load is not desirable. In these cases, the protection circuit can be configured to act as a voltage limiter where the GATE output saw-tooths to limit the voltage to the load (MAX6495/MAX6496/MAX6499).
The MAX6496 supports lower input voltages and reduces power loss by replacing the external reverse battery diode with an external series pMOSFET. The MAX6496 generates the proper bias voltage to ensure that the pMOSFET is on during normal operations. The gate-to-source voltage is clamped during load-dump conditions, and the pMOSFET is off during reverse-battery conditions.
The MAX6497/MAX6498 feature an open-drain, undedicated comparator that notifies the system if the output falls below the programmed threshold. The MAX6497 keeps the MOSFET switch latched off until either the input power or the SHDN pin is cycled. The MAX6498 will autoretry when VOVSET falls below 130mV.
These devices are available in small, thermally enhanced, 6-pin and 8-pin TDFN packages and are fully specified from -40°C to +125°C.

Benefts and Features
● Integration and Small Package Saves Board Space
   While Ensuring Reliable System Operation
      • 3mm x 3mm TDFN Package
      • Supply Voltage Range: +5.5V to +72V
      • Fast Gate Shutoff During Overvoltage with 100mA
         Sink Capability
      • Internal Charge-Pump Circuit Ensures 10V Gate-to
         Source Enhancement for Low RDS(ON) Performance
      • Supports Series pMOSFET for Reverse-Battery Voltage Protection (MAX6496)
      • POK Indicator (MAX6497/MAX6498)
      • Adjustable Overvoltage Threshold
      • Adjustable Undervoltage Threshold (MAX6499)
● Integrated Protection Features and Wide
   Temperature Range Improve Reliability
      • Overvoltage-Protection Switch Controller Allows
         User to Size External nMOSFETs
      • nMOSFET Latches Off After an Overvoltage Condition
         (MAX6497/MAX6499)
      • Thermal-Shutdown Protection
      • -40°C to +125°C Operating Temperature Range
      • AEC-Q100 Qualifed (MAX6495ATT/V+ and MAX6499ATA/V+ Only)
  
Applications
● Automotive
● Industrial
● Telecom/Servers/Networking
● FireWire®
● Notebook Computers




Similar Part No. - MAX6495

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6495 MAXIM-MAX6495 Datasheet
215Kb / 16P
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 7; 8/09
MAX6495 MAXIM-MAX6495 Datasheet
216Kb / 16P
72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 9; 2/12
MAX6495 MAXIM-MAX6495 Datasheet
201Kb / 16P
72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 10; 6/12
MAX6495ATT+T MAXIM-MAX6495ATT+T Datasheet
215Kb / 16P
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 7; 8/09
MAX6495ATT+T MAXIM-MAX6495ATT+T Datasheet
231Kb / 16P
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 8; 1/11
More results


Similar Description - MAX6495

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6397 MAXIM-MAX6397 Datasheet
689Kb / 17P
Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 3; 1/07
MAX6397 MAXIM-MAX6397_09 Datasheet
305Kb / 18P
Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
Rev 5; 1/09
MAX6495 MAXIM-MAX6495_09 Datasheet
215Kb / 16P
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 7; 8/09
MAX16914 MAXIM-MAX16914 Datasheet
1Mb / 9P
Ideal Diode, Reverse-Battery, and Overvoltage Protection Switch/Limiter Controllers with External MOSFETs
0; 9/09
MAX4864L MAXIM-MAX4864L_10 Datasheet
197Kb / 11P
Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
MAX6495 MAXIM-MAX6495_11 Datasheet
231Kb / 16P
72V, Overvoltage-Protection Switches/Limiter Controllers with an External MOSFET
Rev 8; 1/11
MAX6495 MAXIM-MAX6495_12 Datasheet
216Kb / 16P
72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 9; 2/12
MAX6495_1206 MAXIM-MAX6495_1206 Datasheet
201Kb / 16P
72V, Overvoltage-Protection Switches/ Limiter Controllers with an External MOSFET
Rev 10; 6/12
MAX6397 MAXIM-MAX6397_V01 Datasheet
1Mb / 18P
Overvoltage Protection Switch/Limiter Controllers Operate Up to 72V
2014
MAX16914 MAXIM-MAX16914_V01 Datasheet
747Kb / 10P
Ideal Diode, Reverse-Battery, and Overvoltage Protection Switch/Limiter Controllers with External MOSFETs
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com