Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1505A Datasheet (PDF) - Belden Inc.

1505A Datasheet PDF - Belden Inc.
Part # 1505A
Download  1505A Download
File Size   251.61 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR

1505A Datasheet (PDF)

Go To PDF Page Download Datasheet
1505A Datasheet PDF - Belden Inc.

Part # 1505A
Download  1505A Click to download

File Size   251.61 Kbytes
Page   4 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR

1505A Datasheet (HTML) - Belden Inc.




Similar Part No. - 1505A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1505ABHD1 ETC2-1505ABHD1 Datasheet
896Kb / 4P
Improved insulator materials sustain maximum return loss performance
1505ABHD3 ETC2-1505ABHD3 Datasheet
896Kb / 4P
Improved insulator materials sustain maximum return loss performance
1505ABHDL ETC2-1505ABHDL Datasheet
896Kb / 4P
Improved insulator materials sustain maximum return loss performance
1505ANH ETC2-1505ANH Datasheet
74Kb / 2P
Precision video cables are used in critical analog and digital video circuits and high quality
logo
Belden Inc.
1505ANH BELDEN-1505ANH Datasheet
155Kb / 3P
1505ANH - 75 Ohm SDI Coax, RG-59, 20 AWG Solid BC, Foil 95% TC Braid, LSZH-C Jkt
01-20-2023
More results


Similar Description - 1505A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
179DT BELDEN-179DT Datasheet
242Kb / 3P
Serial Digital Coax, Ultra-miniature, RG179 Type, 28.5 AWG Solid BC, Foil TC Braid, CMR
1506A BELDEN-1506A Datasheet
244Kb / 4P
Serial Digital Coax, RG59, 20 AWG Solid BC, Duofoil짰 95% TC Braid, CMP
1694A BELDEN-1694A Datasheet
251Kb / 4P
Serial Digital Coax, RG6 Type, #18 Solid BC, Duofoil짰 95% TC braid, CMR
1695A BELDEN-1695A Datasheet
246Kb / 4P
Serial Digital Coax, RG6, #18 Solid BC, Foil 95% TC braid, CMP
1794A BELDEN-1794A Datasheet
275Kb / 4P
Serial Digital Coax, RG7 Type, #16 Solid BC, Foil 95% TC braid, CMR
1855A BELDEN-1855A Datasheet
247Kb / 4P
Serial Digital Coax, Sub-miniature, #23 Solid BC, Foil 95% TC braid, CMR
1855P BELDEN-1855P Datasheet
241Kb / 3P
Serial Digital Coax, Sub-miniature, #23 Solid BC, Foil 95% TC braid, CMP
7731A BELDEN-7731A Datasheet
247Kb / 4P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMR
7732A BELDEN-7732A Datasheet
240Kb / 3P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMP
7808A BELDEN-7808A Datasheet
241Kb / 3P
50 Ohm Wireless Transmission Coax, RF 240, RG58X, 15 AWG Solid BC, Foil 95% TC Braid, PE Jkt
12-15-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com