Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10E211 Datasheet (PDF) - ON Semiconductor

MC10E211 Datasheet PDF - ON Semiconductor
Part # MC10E211
Download  MC10E211 Download
File Size   123.01 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1:6 DIFFERENTIAL CLOCK DISTRIBUTION CHIP

MC10E211 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10E211 Datasheet PDF - ON Semiconductor

Part # MC10E211
Download  MC10E211 Click to download

File Size   123.01 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1:6 DIFFERENTIAL CLOCK DISTRIBUTION CHIP

MC10E211 Datasheet (HTML) - ON Semiconductor


MC10E211 Product details

The MC10E/100E211 is a low skew 1:6 fanout device designed explicitly for low skew clock distribution applications.

The 100 Series contains temperature compensation.
• Guaranteed Low Skew Specification
• Synchronous Enabling/Disabling
• Multiplexed Clock Inputs
• VBB Output for Single-Ended Use
• Common and Individual Enable/Disable Control
• High Bandwidth Output Transistors
• PECL Mode Operating Range: VCC= 4.2 V to 5.7 V with VEE= 0 V
• NECL Mode Operating Range: VCC= 0 V with VEE= –4.2 V to –5.7 V
• Internal Input Pulldown Resistors
• ESD Protection: > 2 KV HBM, > 100 V MM
• Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
• Moisture Sensitivity Level 1
    For Additional Information, see Application Note AND8003/D
• Flammability Rating: UL–94 code V–0 @ 1/8”, Oxygen Index 28 to 34
• Transistor Count = 457 devices




Similar Part No. - MC10E211

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E211 ONSEMI-MC10E211 Datasheet
151Kb / 11P
5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC10E211FN ONSEMI-MC10E211FN Datasheet
151Kb / 11P
5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC10E211FNG ONSEMI-MC10E211FNG Datasheet
151Kb / 11P
5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC10E211FNR2 ONSEMI-MC10E211FNR2 Datasheet
151Kb / 11P
5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC10E211FNR2G ONSEMI-MC10E211FNR2G Datasheet
151Kb / 11P
5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
More results


Similar Description - MC10E211

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL14 ONSEMI-MC100LVEL14 Datasheet
100Kb / 4P
1:5 Clock Distribution Chip
1996 REV 1
MC10EL15 ONSEMI-MC10EL15 Datasheet
88Kb / 4P
1:4 Clock Distribution Chip
1996 REV 2
logo
Pericom Semiconductor C...
PI90LV211 PERICOM-PI90LV211 Datasheet
185Kb / 9P
1:6 Differential Clock Distribution Chip
logo
Integrated Circuit Syst...
ICS8516I ICST-ICS8516I Datasheet
170Kb / 13P
LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. A JULY 30, 2004
logo
ON Semiconductor
MC10E211 ONSEMI-MC10E211_06 Datasheet
151Kb / 11P
5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
logo
Integrated Circuit Syst...
ICS85408 ICST-ICS85408 Datasheet
466Kb / 12P
LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
REV. A APRIL 25, 2005
logo
Semtech Corporation
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
1:5 Clock DISTRIBUTION CHIP
logo
Integrated Device Techn...
ICS8516 IDT-ICS8516 Datasheet
239Kb / 16P
Low Skew, 1-to-16 Differential-to-LVDS Clock Distribution Chip
ICS8516I IDT-ICS8516I Datasheet
181Kb / 18P
Low Skew, 1-to-16 Differential-to-LVDS, Clock Distribution Chip
logo
Renesas Technology Corp
ICS8516I RENESAS-ICS8516I Datasheet
599Kb / 19P
Low Skew, 1-to-16 Differential-to- LVDS, Clock Distribution Chip
2019
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com