Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFG3052C Datasheet (PDF) - TEKTRONIX, INC.

AFG3052C Datasheet PDF - TEKTRONIX, INC.
Part # AFG3052C
Download  AFG3052C Download
File Size   718.23 Kbytes
Page   14 Pages
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.
Description Arbitrary/Function Generators

AFG3052C Datasheet (PDF)

Go To PDF Page Download Datasheet
AFG3052C Datasheet PDF - TEKTRONIX, INC.

Part # AFG3052C
Download  AFG3052C Click to download

File Size   718.23 Kbytes
Page   14 Pages
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.
Description Arbitrary/Function Generators

AFG3052C Datasheet (HTML) - TEKTRONIX, INC.


AFG3052C Product details

Product Description
Unmatched performance, versatility, intuitive operation, and affordability make the AFG3000C Series of Function, Arbitrary Waveform, and Pulse Generators the most useful instruments in the industry.

Features & Benefits
■ 10 MHz, 25 MHz, 50 MHz, 100 MHz, or 240 MHz Sine Waveforms
■ 14 bits, 250 MS/s, 1 GS/s, or 2 GS/s Arbitrary Waveforms
■ Amplitude up to 20 Vp-p into 50 Ω Loads
■ 5.6 in. Color TFT LCD Display for Full Confidence in Settings and Waveform Shape
■ Multilanguage and Intuitive Operation Saves Setup Time
■ Pulse Waveform with Variable Edge Times
■ AM, FM, PM, FSK, PWM
■ Sweep and Burst
■ Dual-channel Models Save Cost and Bench Space
■ USB Connector on Front Panel for Waveform Storage on Memory Device
■ USB, GPIB, and LAN
■ LabVIEW and LabWindows/IVI-C Drivers

Applications
■ Electronic Test and Design
■ Sensor Simulation
■ Functional Test
■ Education and Training




Similar Part No. - AFG3052C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFG3052C ETC2-AFG3052C Datasheet
342Kb / 8P
Arbitrary Function Generators
More results


Similar Description - AFG3052C

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI5406 NI-NI5406 Datasheet
108Kb / 3P
40 and 20 MHz Arbitrary Function Generators
logo
List of Unclassifed Man...
AFG3000C ETC2-AFG3000C Datasheet
342Kb / 8P
Arbitrary Function Generators
logo
Keysight Technologies
81150A KEYSIGHT-81150A Datasheet
3Mb / 36P
Pulse Function Arbitrary Noise Generators
81160A KEYSIGHT-81160A Datasheet
3Mb / 36P
Pulse Function Arbitrary Noise Generators
33521A KEYSIGHT-33521A Datasheet
575Kb / 12P
30 MHz Function/Arbitrary Waveform Generators
logo
List of Unclassifed Man...
4084AWG ETC2-4084AWG Datasheet
1Mb / 2P
Arbitrary/Function Generators
logo
TEKTRONIX, INC.
AFG31000 TEKTRONIX-AFG31000 Datasheet
1Mb / 22P
Arbitrary Function Generators
logo
B&K Precision Corporati...
4050B BK-4050B Datasheet
2Mb / 5P
Dual Channel Function/Arbitrary Waveform Generators
4060B BK-4060B Datasheet
2Mb / 6P
Dual Channel Function/Arbitrary Waveform Generators
logo
List of Unclassifed Man...
UTG900E ETC-UTG900E Datasheet
323Kb / 1P
UTG900E SERIES FUNCTION/ARBITRARY WAVEFORM GENERATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com