Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLM8596-4F Datasheet (PDF) - List of Unclassifed Manufacturers

FLM8596-4F Datasheet PDF - List of Unclassifed Manufacturers
Part # FLM8596-4F
Download  FLM8596-4F Download
File Size   305.54 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description X, Ku-Band Internally Matched FET

FLM8596-4F Datasheet (PDF)

Go To PDF Page Download Datasheet
FLM8596-4F Datasheet PDF - List of Unclassifed Manufacturers

Part # FLM8596-4F
Download  FLM8596-4F Click to download

File Size   305.54 Kbytes
Page   4 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description X, Ku-Band Internally Matched FET

FLM8596-4F Datasheet (HTML) - List of Unclassifed Manufacturers


FLM8596-4F Product details

[Eudyna]



DESCRIPTION

The FLM8596-4F is a power GaAs FET that is internally matched for standard communication bands to provide optimum power and gain in a 50 ohm system. Eudyna’s stringent Quality Assurance Program assures the highest reliability and consistent performance.



FEATURES

• High Output Power: P1dB = 36.0dBm (Typ.)

• High Gain: G1dB = 7.5dB (Typ.)

• High PAE: ηadd = 29% (Typ.)

• Low IM3 = -45dBc@Po = 25.5dBm

• Broad Band: 8.5 ~ 9.6GHz

• Impedance Matched Zin/Zout = 50Ω

• Hermetically Sealed



 




Similar Part No. - FLM8596-4F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLM8596-12F ETC-FLM8596-12F Datasheet
258Kb / 4P
X, Ku-Band Internally Matched FET
FLM8596-15F ETC-FLM8596-15F Datasheet
177Kb / 5P
X-Band Internally Matched FET
FLM8596-8F ETC-FLM8596-8F Datasheet
251Kb / 4P
X, Ku-Band Internally Matched FET
More results


Similar Description - FLM8596-4F

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FLM0910-3F EUDYNA-FLM0910-3F Datasheet
311Kb / 4P
X, Ku-Band Internally Matched FET
FLM0910-8F EUDYNA-FLM0910-8F Datasheet
259Kb / 4P
X, Ku-Band Internally Matched FET
FLM1011-6F EUDYNA-FLM1011-6F Datasheet
298Kb / 4P
X, Ku-Band Internally Matched FET
FLM1011-20F EUDYNA-FLM1011-20F Datasheet
280Kb / 5P
X,Ku-Band Internally Matched FET
FLM1213-8F EUDYNA-FLM1213-8F Datasheet
298Kb / 4P
X, Ku-Band Internally Matched FET
FLM1213-12F EUDYNA-FLM1213-12F Datasheet
254Kb / 4P
X, Ku-Band Internally Matched FET
FLM1314-6F EUDYNA-FLM1314-6F Datasheet
300Kb / 4P
X, Ku-Band Internally Matched FET
FLM1414-6F EUDYNA-FLM1414-6F Datasheet
296Kb / 4P
X, Ku-Band Internally Matched FET
FLM1414-12F EUDYNA-FLM1414-12F Datasheet
252Kb / 4P
X, Ku-Band Internally Matched FET
FLM1314-12F EUDYNA-FLM1314-12F Datasheet
308Kb / 4P
X, Ku-Band Internally Matched FET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com