Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25640A Datasheet (PDF) - ATMEL Corporation

AT25640A Datasheet PDF - ATMEL Corporation
Part # AT25640A
Download  AT25640A Download
File Size   388.17 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SPI Serial EEPROMs

AT25640A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25640A Datasheet PDF - ATMEL Corporation

Part # AT25640A
Download  AT25640A Click to download

File Size   388.17 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SPI Serial EEPROMs

AT25640A Datasheet (HTML) - ATMEL Corporation


AT25640A Product details

Description

The AT25080A/160A/320A/640A provides 8192/16384/32768/65536 bits of serial electrically-erasable programmable read-only memory (EEPROM) organized as 1024/2048/4096/8192 words of 8 bits each. The device is optimized for use in many automotive applications where low-power and low-voltage operation are essential. The AT25080A/160A/320A/640A is available in space-saving 8-lead PDIP, 8-lead JEDEC SOIC and 8-lead TSSOP packages.



Features

• Serial Peripheral Interface (SPI) Compatible

• Supports SPI Modes 0 (0,0) and 3 (1,1)

   – Data Sheet Describes Mode 0 Operation

• Medium-voltage and Standard-voltage Operation

   – 2.7 (VCC = 2.7V to 5.5V)

• Extended Temperature Range –40°C to 125°C

• 5.0 MHz Clock Rate

• 32-byte Page Mode

• Block Write Protection

   – Protect 1/4, 1/2, or Entire Array

• Write Protect (WP) Pin and Write Disable Instructions for Both Hardware and Software Data Protection

• Self-timed Write Cycle (2 ms [5V] typical)

• High Reliability

   – Endurance: One Million Write Cycles

   – Data Retention: 100 Years

• 8-lead PDIP, 8-lead JEDEC SOIC Packages and 8-lead TSSOP Packages



 




Similar Part No. - AT25640A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25640A ATMEL-AT25640A Datasheet
448Kb / 24P
SPI Serial EEPROMs
AT25640A ATMEL-AT25640A_14 Datasheet
457Kb / 19P
Serial Peripheral Interface (SPI) Compatible
More results


Similar Description - AT25640A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
SPI Serial EEPROMs
AT25128 ATMEL-AT25128 Datasheet
230Kb / 12P
SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
SPI Serial EEPROMs
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
SPI Serial EEPROMs
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com