Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43L0616BV-7 Datasheet (PDF) - AMIC Technology

A43L0616BV-7 Datasheet PDF - AMIC Technology
Part # A43L0616BV-7
Download  A43L0616BV-7 Download
File Size   1275.25 Kbytes
Page   45 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 512K X 16 Bit X 2 Banks Synchronous DRAM

A43L0616BV-7 Datasheet (PDF)

Go To PDF Page Download Datasheet
A43L0616BV-7 Datasheet PDF - AMIC Technology

Part # A43L0616BV-7
Download  A43L0616BV-7 Click to download

File Size   1275.25 Kbytes
Page   45 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 512K X 16 Bit X 2 Banks Synchronous DRAM

A43L0616BV-7 Datasheet (HTML) - AMIC Technology


A43L0616BV-7 Product details

General Description

The A43L0616B is 16,777,216 bits synchronous high data rate Dynamic RAM organized as 2 X 524,288 words by 16 bits, fabricated with AMIC’s high performance CMOS technology. Synchronous design allows precise cycle control with the use of system clock.



Features

JEDEC standard 3.3V power supply

„LVTTL compatible with multiplexed address

Dual banks / Pulse RAS

MRS cycle with address key programs

  -  CAS Latency (2,3)

  -  Burst Length (1,2,4,8 & full page)

  - Burst Type (Sequential & Interleave)

All inputs are sampled at the positive going edge of the system clock

Industrial operating temperature range: -40ºC to +85ºC for –U

Pb-Free type for -F

Burst Read Single-bit Write operation

DQM for masking

Auto & self refresh

32ms refresh period (2K cycle)

50 Pin TSOP (II)




Similar Part No. - A43L0616BV-7

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L0616B AMICC-A43L0616B Datasheet
585Kb / 48P
512K X 16 Bit X 2 Banks Synchronous DRAM
More results


Similar Description - A43L0616BV-7

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
ADS4616A4A A-DATA-ADS4616A4A Datasheet
530Kb / 8P
Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
VDS4616A4A A-DATA-VDS4616A4A Datasheet
542Kb / 8P
Synchronous DRAM(512K X 16 Bit X 2 Banks)
Rev 1 December, 2001
logo
AMIC Technology
A43L0616A AMICC-A43L0616A Datasheet
1,011Kb / 45P
512K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY57V161610D HYNIX-HY57V161610D Datasheet
73Kb / 13P
2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610ETP-I HYNIX-HY57V161610ETP-I Datasheet
215Kb / 13P
2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610ET-I HYNIX-HY57V161610ET-I Datasheet
482Kb / 13P
2 Banks x 512K x 16 Bit Synchronous DRAM
HY57V161610D-I HYNIX-HY57V161610D-I Datasheet
574Kb / 11P
2 Banks x 512K x 16 Bit Synchronous DRAM
logo
AMIC Technology
A43E06161 AMICC-A43E06161 Datasheet
1Mb / 46P
512K X 16 Bit X 2 Banks Synchronous DRAM
logo
Hynix Semiconductor
HY67V161610D HYNIX-HY67V161610D Datasheet
75Kb / 11P
2 Banks x 512K x 16 Bit Synchronous DRAM
logo
AMIC Technology
A43L0616B AMICC-A43L0616B Datasheet
585Kb / 48P
512K X 16 Bit X 2 Banks Synchronous DRAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com