Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA7002R Datasheet (PDF) - Sony Corporation

CXA7002R Datasheet PDF - Sony Corporation
Part # CXA7002R
Download  CXA7002R Download
File Size   424.37 Kbytes
Page   47 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control

CXA7002R Datasheet (PDF)

Go To PDF Page Download Datasheet
CXA7002R Datasheet PDF - Sony Corporation

Part # CXA7002R
Download  CXA7002R Click to download

File Size   424.37 Kbytes
Page   47 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control

CXA7002R Datasheet (HTML) - Sony Corporation


CXA7002R Product details

Description

The Sony CXA7002R is an Audio/Video switch designed primarily for application in Digital Set Top Boxes. It provides video and audio routing from the digital encoder source to the TV and VCR scart (peri-television) connectors. In addition, the TV audio output has a programmable volume control. The chip is programmed by means of an I2C interface and can operate from a single or dual power supply.

  Target specifications:Canal+, BSkyB, TPS, NorDig, and ECCA Euro-Box



Features

Supply

• Single: 0V, +5V, +12V

• Dual: 0V, –5V, +5V and +12V

(Low number of external parts required)

Video

• 2 scart switching (VCR, TV)

• VCR input supports RGB mode

• Integrated 75Ωdrivers for direct video connection

• Y/C mixer with trap for RF modulators

• Switchable clamps on inputs

• Low pass filters on six inputs

• Controllable gain on encoder inputs

• Adjustable gain on RGB outputs

• Video output shutdown for low power modes

• Fast blanking switch

• Slow blanking switch for TV and VCR output

• SVHS switch on VCR output

• Y/C auxiliary input

Audio

• Four stereo audio inputs

• Volume control (–56dB to +6dB in 2dB steps)

• Additional +6dB gain on audio DAC inputs

• Audio overlay facility

• Volume bypass for TV and Phono outputs

• Mono switching on TV, VCR outputs

• Switchable audio limiter function

• Switchable Mono output for RF modulators

• Audio output disable for standby mode



Applications

• Digital Set Top Box

• Integrated digital television




Similar Part No. - CXA7002R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA7000R SONY-CXA7000R Datasheet
278Kb / 23P
LCD Driver
More results


Similar Description - CXA7002R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52791SP MITSUBISHI-M52791SP Datasheet
121Kb / 10P
AV SWITCH with I2C BUS CONTROL
M52795SP MITSUBISHI-M52795SP Datasheet
114Kb / 9P
AV SWITCH with I2C BUS CONTROL
M52797SP MITSUBISHI-M52797SP Datasheet
104Kb / 9P
AV SWITCH with I2C BUS CONTROL
logo
Sony Corporation
CXA1114P SONY-CXA1114P Datasheet
367Kb / 20P
AUDIO VIDEO SWITCH COMPATIBLE WITH I2C BUS
CXA1845Q SONY-CXA1845Q Datasheet
390Kb / 19P
I2C BUS-COMPATIBLE AUDIO/VIDEO SWITCH
CXA1855Q SONY-CXA1855Q Datasheet
369Kb / 19P
I2C BUS-COMPATIBLE AUDIO/VIDEO SWITCH
CXA2078Q SONY-CXA2078Q Datasheet
568Kb / 35P
I2C Bus-Compatible Audio/Video Switch with Electronic Volume
CXA2161R SONY-CXA2161R Datasheet
494Kb / 43P
I2C Bus Compatible Audio Video (AV) Switch & Electronic Volume Control
logo
Renesas Technology Corp
M52790SP RENESAS-M52790SP Datasheet
188Kb / 14P
AV Switch with I2C Bus Control
M52791SP RENESAS-M52791SP Datasheet
175Kb / 14P
AV Switch with I2C Bus Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com