Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68AW128ML70ZB1 Datasheet (PDF) - STMicroelectronics

M68AW128ML70ZB1 Datasheet PDF - STMicroelectronics
Part # M68AW128ML70ZB1
Download  M68AW128ML70ZB1 Download

File Size   111.83 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 Mbit (128K x16) 3.0V Asynchronous SRAM

M68AW128ML70ZB1 Datasheet (PDF)

Go To PDF Page Download Datasheet
M68AW128ML70ZB1 Datasheet PDF - STMicroelectronics

Part # M68AW128ML70ZB1
Download  M68AW128ML70ZB1 Click to download

File Size   111.83 Kbytes
Page   20 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 Mbit (128K x16) 3.0V Asynchronous SRAM

M68AW128ML70ZB1 Datasheet (HTML) - STMicroelectronics

Back Button M68AW128ML70ZB1 Datasheet HTML 1Page - STMicroelectronics M68AW128ML70ZB1 Datasheet HTML 2Page - STMicroelectronics M68AW128ML70ZB1 Datasheet HTML 3Page - STMicroelectronics M68AW128ML70ZB1 Datasheet HTML 4Page - STMicroelectronics M68AW128ML70ZB1 Datasheet HTML 5Page - STMicroelectronics M68AW128ML70ZB1 Datasheet HTML 6Page - STMicroelectronics M68AW128ML70ZB1 Datasheet HTML 7Page - STMicroelectronics M68AW128ML70ZB1 Datasheet HTML 8Page - STMicroelectronics M68AW128ML70ZB1 Datasheet HTML 9Page - STMicroelectronics M68AW128ML70ZB1 Datasheet HTML 10Page - STMicroelectronics Next Button 

M68AW128ML70ZB1 Product details

FEATURES SUMMARY
■ SUPPLY VOLTAGE: 2.7 to 3.3V
■ 128K x 16 bits SRAM with OUTPUT ENABLE
■ EQUAL CYCLE and ACCESS TIME: 55ns
■ SINGLE BYTE READ/WRITE
■ LOW STANDBY CURRENT
■ LOW VCC DATA RETENTION: 1.5V
■ TRI-STATE COMMON I/O
■ AUTOMATIC POWER DOWN




Similar Part No. - M68AW128ML70ZB1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AW128ML70ZB1 STMICROELECTRONICS-M68AW128ML70ZB1 Datasheet
335Kb / 22P
   2 Mbit (128K x16) 3.0V Asynchronous SRAM
M68AW128ML70ZB1E STMICROELECTRONICS-M68AW128ML70ZB1E Datasheet
335Kb / 22P
   2 Mbit (128K x16) 3.0V Asynchronous SRAM
M68AW128ML70ZB1F STMICROELECTRONICS-M68AW128ML70ZB1F Datasheet
335Kb / 22P
   2 Mbit (128K x16) 3.0V Asynchronous SRAM
M68AW128ML70ZB1T STMICROELECTRONICS-M68AW128ML70ZB1T Datasheet
335Kb / 22P
   2 Mbit (128K x16) 3.0V Asynchronous SRAM
More results


Similar Description - M68AW128ML70ZB1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68AW128M STMICROELECTRONICS-M68AW128M Datasheet
335Kb / 22P
   2 Mbit (128K x16) 3.0V Asynchronous SRAM
M68AR128M STMICROELECTRONICS-M68AR128M Datasheet
122Kb / 18P
   2 Mbit (128K x16) 1.8V Asynchronous SRAM
M68AW064F STMICROELECTRONICS-M68AW064F Datasheet
265Kb / 18P
   1 Mbit 64K x16 3.0V Asynchronous SRAM
M68AW256DL STMICROELECTRONICS-M68AW256DL Datasheet
109Kb / 20P
   4 Mbit (256K x16) 3.0V Asynchronous SRAM
M68AW256M STMICROELECTRONICS-M68AW256M Datasheet
167Kb / 23P
   4 Mbit (256K x16) 3.0V Asynchronous SRAM
M68AW512D STMICROELECTRONICS-M68AW512D Datasheet
124Kb / 18P
   8 Mbit 512K x16 3.0V Asynchronous SRAM
M68AW512M STMICROELECTRONICS-M68AW512M Datasheet
296Kb / 19P
   8 Mbit (512K x16) 3.0V Asynchronous SRAM
M68AW127B STMICROELECTRONICS-M68AW127B Datasheet
327Kb / 20P
   1Mbit 128K x8, 3.0V Asynchronous SRAM
M68AR024D STMICROELECTRONICS-M68AR024D Datasheet
145Kb / 19P
   16 Mbit 1M x16 1.8V Asynchronous SRAM
M68AW511A STMICROELECTRONICS-M68AW511A Datasheet
134Kb / 21P
   4 Mbit (512K x8) 3.0V Asynchronous SRAM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com