Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

133106A Datasheet (PDF) - Belden Inc.

133106A Datasheet PDF - Belden Inc.
Part # 133106A
Download  133106A Download
File Size   69.85 Kbytes
Page   1 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TYPE PLTC: ONE AND ONE HALF PAIRS - 22(7X) AWG TINNED CU CONDUCTORS WITH DATALENE INSULATION ON THE PAIR

133106A Datasheet (PDF)

Go To PDF Page Download Datasheet
133106A Datasheet PDF - Belden Inc.

Part # 133106A
Download  133106A Click to download

File Size   69.85 Kbytes
Page   1 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TYPE PLTC: ONE AND ONE HALF PAIRS - 22(7X) AWG TINNED CU CONDUCTORS WITH DATALENE INSULATION ON THE PAIR

133106A Datasheet (HTML) - Belden Inc.




Similar Part No. - 133106A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
133105A BELDEN-133105A Datasheet
83Kb / 2P
ONE 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133107A BELDEN-133107A Datasheet
87Kb / 3P
TWO 22 AWG (7X30) TINNED COPPER, DATALENE
133108A BELDEN-133108A Datasheet
36Kb / 1P
THREE 22 AWG (7 X 30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
133109A BELDEN-133109A Datasheet
81Kb / 1P
FOUR 22 AWG (7X30) TINNED COPPER FOAM HIGH DENSITY POLYETHYLENE
More results


Similar Description - 133106A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1345005 ETC2-1345005 Datasheet
100Kb / 3P
22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1345895 ETC2-1345895 Datasheet
101Kb / 3P
22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1351271 ETC2-1351271 Datasheet
102Kb / 3P
22 AWG solid tinned copper conductors, twisted pairs, Datalene insulation
1351330 ETC2-1351330 Datasheet
101Kb / 3P
22 AWG pairs stranded (7x30) tinned copper conductors, twisted pairs, PVC insulation
1351642 ETC2-1351642 Datasheet
103Kb / 4P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
1351827 ETC2-1351827 Datasheet
101Kb / 3P
22 AWG solid tinned copper conductors, twisted pairs, Datalene
1691983 ETC2-1691983 Datasheet
104Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, Datalene insulation
9182 ETC2-9182 Datasheet
103Kb / 3P
22 AWG stranded (19x34) tinned copper conductors, Datalene insulation
8723SB ETC2-8723SB Datasheet
103Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, twisted pairs, polypropylene insulation
logo
Belden Inc.
3108T BELDEN-3108T Datasheet
84Kb / 2P
3 PAIRS ??22(7X30) AWG TINNED CU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com