Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH28F640SPHT-PTL12 Datasheet (PDF) - Sharp Corporation

LH28F640SPHT-PTL12 Datasheet PDF - Sharp Corporation
Part # LH28F640SPHT-PTL12
Download  LH28F640SPHT-PTL12 Download
File Size   1041.29 Kbytes
Page   45 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 64Mbit (4Mbitx16/8Mbitx8) Page Flash Memory

LH28F640SPHT-PTL12 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH28F640SPHT-PTL12 Datasheet PDF - Sharp Corporation

Part # LH28F640SPHT-PTL12
Download  LH28F640SPHT-PTL12 Click to download

File Size   1041.29 Kbytes
Page   45 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 64Mbit (4Mbitx16/8Mbitx8) Page Flash Memory

LH28F640SPHT-PTL12 Datasheet (HTML) - Sharp Corporation


LH28F640SPHT-PTL12 Product details

64Mbit (4Mbit×16/8Mbit×8) Page Mode Flash MEMORY

The product, which is Page Mode Flash memory, is a high density, low cost, nonvolatile read/write storage solution for a wide range of applications. The product can operate at VCC=2.7V-3.6V and VPEN=2.7V-3.6V
The product supports high performance page mode. It allows code execution directly from Flash, thus eliminating time consuming wait states.
Fast program capability is provided through the use of high speed Page Buffer Program.
The block locking scheme is available for memory array and this scheme provides maximum flexibility for safe nonvolatile code and data storage.

■ 64-Mbit Density
   • Bit Organization ×8/×16
■ High Performance Page Mode Reads for Memory Array
   • 120/25ns 4-Word/ 8-Byte Page Mode
■ VCC=2.7V-3.6V Operation
   • VCCQ for Input/Output Power Supply Isolation
   • Automatic Power Savings Mode reduces ICCR in Static Mode
■ OTP (One Time Program) Block
   • 4-Word/ 8-Byte Factory-Programmed Area
   • 3963-Word/ 7926-Byte User-Programmable Area
■ High Performance Program with Page Buffer
   • 16-Word/ 32-Byte Page Buffer
   • Page Buffer Program Time 12.5µs/byte (Typ.)
■ Operating Temperature -40°C to +85°C
■ Symmetrically-Blocked Architecture
   • Sixty-four 64-KWord/ 128-KByte Blocks
■ Enhanced Data Protection Features
   • Individual Block Lock
   • Absolute Protection with VPEN≤VPENLK
   • Block Erase, (Page Buffer) Program Lockout during Power Transitions
■ Automated Erase/Program Algorithms
   • Program Time 210µs (Typ.)
   • Block Erase Time 1s (Typ.)
■ Cross-Compatible Command Support
   • Basic Command Set
   • Common Flash Interface (CFI)
■ Extended Cycling Capability
   • Minimum 100,000 Block Erase Cycles
■ 56-Lead TSOP (Normal Bend)
■ CMOS Process (P-type silicon substrate)
■ ETOXTM* Flash Technology
■ Not designed or rated as radiation hardened




Similar Part No. - LH28F640SPHT-PTL12

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F640BFHG-PBTLZ7 SHARP-LH28F640BFHG-PBTLZ7 Datasheet
755Kb / 36P
64M (x16) Flash Memory
More results


Similar Description - LH28F640SPHT-PTL12

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MBM29XL12DF FUJITSU-MBM29XL12DF Datasheet
1Mb / 91P
PAGE MODE FLASH MEMORY CMOS 128M BIT
logo
List of Unclassifed Man...
MX28F128J3 ETC1-MX28F128J3 Datasheet
35Kb / 6P
128M [x8/x16] SINGLE 3V PAGE MODE FLASH MEMORY
logo
Winbond
W28F641B WINBOND-W28F641B Datasheet
1Mb / 31P
64MBIT (4MBIT 횞 16) PAGE MODE DUAL WORK FLASH MEMORY
logo
White Electronic Design...
W764M32V-XSBX WEDC-W764M32V-XSBX Datasheet
505Kb / 16P
64Mx32 Flash Multi-Chip Package 3.0V Page Mode Flash Memory
logo
SPANSION
MB84VP23481FK-70 SPANSION-MB84VP23481FK-70 Datasheet
889Kb / 67P
64M (X16) Page FLASH MEMORY & 32M (X16) Mobile FCRAMTM
logo
Dialog Semiconductor
AT25PE16 DIALOG-AT25PE16 Datasheet
922Kb / 63P
16-Mbit DataFlash-L Page Erase Serial Flash Memory
AT25PE20 DIALOG-AT25PE20 Datasheet
1Mb / 64P
2-Mbit DataFlash-L Page Erase Serial Flash Memory
AT25PE80 DIALOG-AT25PE80 Datasheet
1Mb / 63P
8-Mbit DataFlash-L Page Erase Serial Flash Memory
logo
Renesas Technology Corp
AT25PE20 RENESAS-AT25PE20 Datasheet
2Mb / 63P
2-Mbit DataFlash-L Page Erase Serial Flash Memory
2/2022
logo
Infineon Technologies A...
S25FL064L INFINEON-S25FL064L Datasheet
2Mb / 146P
IC FLASH 64MBIT SPI/QUAD 8USON
20190529
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com