Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF535PKB-350 Datasheet (PDF) - Analog Devices

ADSP-BF535PKB-350 Datasheet PDF - Analog Devices
Part # ADSP-BF535PKB-350
Download  ADSP-BF535PKB-350 Download
File Size   1388.01 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Blackfin Embedded Processor

ADSP-BF535PKB-350 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADSP-BF535PKB-350 Datasheet PDF - Analog Devices

Part # ADSP-BF535PKB-350
Download  ADSP-BF535PKB-350 Click to download

File Size   1388.01 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Blackfin Embedded Processor

ADSP-BF535PKB-350 Datasheet (HTML) - Analog Devices


ADSP-BF535PKB-350 Product details

GENERAL DESCRIPTION
The ADSP-BF535 processor is a member of the Blackfin processor family of products, incorporating the Micro Signal Architecture (MSA), jointly developed by Analog Devices, Inc. and Intel Corporation. The architecture combines a dual MAC state-of-the-art signal processing engine, the advantages of a clean, orthogonal RISC-like microprocessor instruction set, and Single-Instruction, Multiple Data (SIMD) multimedia capabilities into a single instruction set architecture.

KEY FEATURES
    350 MHz High Performance Blackfin Processor Core
    Two 16-Bit MACs, Two 40-Bit ALUs, One 40-Bit Shifter, Four 8-Bit Video ALUs, and Two 40-Bit Accumulators
    RISC-Like Register and Instruction Model for Ease of Programming and Compiler Friendly Support
    Advanced Debug, Trace, and Performance Monitoring
    1.0 V–1.6 V Core VDD with Dynamic Power Management
    3.3 V I/O
    260-Ball PBGA Package

MEMORY
    308K Bytes of On-Chip Memory:
        16K Bytes of Instruction L1 SRAM/Cache
        32K Bytes of Data L1 SRAM/Cache
        4K Bytes of Scratch Pad L1 SRAM
        256K Bytes of Full Speed, Low Latency L2 SRAM
    Memory DMA Controller
    Memory Management Unit for Memory Protection
    Glueless External Memory Controllers Synchronous SDRAM Support Asynchronous with SRAM, Flash, ROM Support

PERIPHERALS
    32-Bit, 33 MHz, 3.3 V, PCI 2.2 Compliant Bus Interface with Master and Slave Support
    Integrated USB 1.1 Compliant Device Interface
    Two UARTs, One with IrDA®
    Two SPI Compatible Ports
    Two Full-Duplex Synchronous Serial Ports (SPORTs)
    Four Timer/Counters, Three with PWM Support
    Sixteen Bidirectional Programmable Flag I/O Pins
    Watchdog Timer
    Real-Time Clock
    On-Chip PLL with 1x to 31x Frequency Multiplier




Similar Part No. - ADSP-BF535PKB-350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF535 AD-ADSP-BF535_15 Datasheet
1Mb / 44P
Blackfin Embedded Processor
REV. A
More results


Similar Description - ADSP-BF535PKB-350

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
Blackfin Embedded Processor
3/04-Revision 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
Blackfin Embedded Processor
May-2006
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
Blackfin Embedded Processor
Sep-2006
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
Blackfin Embedded Processor
REV. B
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
Blackfin Embedded Processor
Rev. I
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
Blackfin Embedded Processor
Rev. E
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
Blackfin Embedded Processor
Rev. E
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com