Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDC20-900HP Datasheet (PDF) - Mini-Circuits

PDC20-900HP Datasheet PDF - Mini-Circuits
Part # PDC20-900HP
Download  PDC20-900HP Download
File Size   46.5 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz

PDC20-900HP Datasheet (PDF)

Go To PDF Page Download Datasheet
PDC20-900HP Datasheet PDF - Mini-Circuits

Part # PDC20-900HP
Download  PDC20-900HP Click to download

File Size   46.5 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz

PDC20-900HP Datasheet (HTML) - Mini-Circuits




Similar Part No. - PDC20-900HP

ManufacturerPart #DatasheetDescription
logo
celduc-relais
PDC20030 CELDUC-PDC20030 Datasheet
384Kb / 2P
MAGNETIC PROXIMITY SENSOR
logo
P-tec Corporation
PDC202SM-CCDIB01 P-TEC-PDC202SM-CCDIB01 Datasheet
655Kb / 7P
Gray Face, White Segments, Film Overlay
PDC202SM-CxDA11 P-TEC-PDC202SM-CxDA11 Datasheet
1Mb / 9P
Low power consumption
PDC202SM-CxDG05 P-TEC-PDC202SM-CxDG05 Datasheet
1Mb / 9P
Low power consumption
PDC202SM-CxDG17 P-TEC-PDC202SM-CxDG17 Datasheet
1Mb / 9P
Low power consumption
More results


Similar Description - PDC20-900HP

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADAPTENUATORS MINI-ADAPTENUATORS Datasheet
57Kb / 2P
50OHM, 3,6,10 dB, DC to 2000 MHz Adaptenuators
logo
Tyco Electronics
A63 MACOM-A63_1 Datasheet
383Kb / 2P
Cascadable Amplifier 5 to 2000 MHz
logo
Micronetics, Inc.
NMA2012-A2S MICRONETICS-NMA2012-A2S Datasheet
163Kb / 2P
Legacy 100 kHz to 2000 MHz
logo
MICORO CRYSTAL SWITZERL...
MCSO2 MICROCRYSTAL-MCSO2 Datasheet
319Kb / 2P
From 10 kHz up to 225 MHz
MCSO6 MICROCRYSTAL-MCSO6 Datasheet
278Kb / 2P
From 10 kHz up to 155 MHz
logo
Teledyne Technologies I...
A2CP2010 TELEDYNE-A2CP2010 Datasheet
100Kb / 1P
30 TO 2000 MHz COUGARPAK??AMPLIFIER
AC2025 TELEDYNE-AC2025 Datasheet
162Kb / 2P
5 TO 2000 MHz TO-8 CASCADABLE AMPLIFIERS
AC2039 TELEDYNE-AC2039 Datasheet
180Kb / 2P
10 TO 2000 MHz 10 TO 2000 MHz
AC2092 TELEDYNE-AC2092 Datasheet
164Kb / 2P
30 TO 2000 MHz TO-8 CASCADABLE AMPLIFIERS
logo
MICORO CRYSTAL SWITZERL...
MCSO1 MICROCRYSTAL-MCSO1_17 Datasheet
415Kb / 2P
From 10 kHz up to 225 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com