Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74 Datasheet (PDF) - ON Semiconductor

MC74 Datasheet PDF - ON Semiconductor
Part # MC74
Download  MC74 Download
File Size   122.45 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Serial Digital Temperature Sensor

MC74 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC74 Datasheet PDF - ON Semiconductor

Part # MC74
Download  MC74 Click to download

File Size   122.45 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Serial Digital Temperature Sensor

MC74 Datasheet (HTML) - ON Semiconductor


MC74 Product details

Serial Digital Temperature Sensor

The MC74 is a serial digital temperature sensor suited for low cost applications. Temperature data is converted from the integrated thermal sensing element and made available as an 8–bit serial digital word. Communication with the MC74 is accomplished via 2–wire SMBus/I2C–compatible serial port. Temperature resolution is 1°C. Conversion rate is a nominal 8 samples/sec. Power consumption is only 200 µA (5 µA Standby).

Features
• Tested Operating Temperature Range: –40°C to +125°C
• Simple Serial Port Interface
• Solid State Temperature Sensing:
   ±2°C Accuracy from +25°C to +85°C
   ±3°C Accuracy from 0°C to +125°C
• 3.3V and 5.5V Versions

Typical Applications
• Thermal Protection for Hard Disk Drives and Other PC Peripherals
• Low–Cost Thermostat Controls
• Power Supplies




Similar Part No. - MC74

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC740-430E ETC-MC740-430E Datasheet
461Kb / 15P
47-Gb/s 4:1 Multiplexer
logo
ON Semiconductor
MC7400 ONSEMI-MC7400 Datasheet
130Kb / 12P
Single Supply Quad Comparators
February, 2007 ??Rev. 18
logo
List of Unclassifed Man...
MC74005N ETC-MC74005N Datasheet
150Kb / 2P
8-function calculator unit co-operating with LED display
MC74007N ETC-MC74007N Datasheet
150Kb / 2P
8-function calculator unit co-operating with LED display
logo
Motorola, Inc
MC7403L MOTOROLA-MC7403L Datasheet
204Kb / 2P
QUAD 2-INPUT NAND GATE WITH OPEN COLLECTOR
More results


Similar Description - MC74

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT30TS75 ATMEL-AT30TS75_14 Datasheet
1Mb / 37P
Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A_14 Datasheet
1Mb / 37P
Digital Temperature Sensor
AT30TS74 ATMEL-AT30TS74_14 Datasheet
1Mb / 41P
Digital Temperature Sensor
logo
TE Connectivity Ltd
TSYS01 TEC-TSYS01 Datasheet
443Kb / 10P
Digital Temperature Sensor
TSYS02D TEC-TSYS02D Datasheet
182Kb / 4P
Digital Temperature Sensor
logo
Humirel
TSYS01 HUMIREL-TSYS01 Datasheet
359Kb / 9P
Digital Temperature Sensor
logo
TE Connectivity Ltd
TSYS02D TEC-TSYS02D_17 Datasheet
156Kb / 3P
Digital Temperature Sensor
logo
ams AG
AS6200C AMSCO-AS6200C Datasheet
1Mb / 35P
Digital Temperature Sensor
logo
TE Connectivity Ltd
TSD305-1C55 TEC-TSD305-1C55 Datasheet
354Kb / 12P
DIGITAL TEMPERATURE SENSOR
logo
ams AG
AS6221T AMSCO-AS6221T Datasheet
1Mb / 37P
Digital Temperature Sensor
v1-00 2022-Apr-08
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com