Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7922A Datasheet (PDF) - Belden Inc.

7922A Datasheet PDF - Belden Inc.
Part # 7922A
Download  7922A Download
File Size   279.03 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description DataTuff짰 5e, 4 Bonded-Pr #22 Sol BC, PO Ins, PVC Jkt, PLTC CMR

7922A Datasheet (PDF)

Go To PDF Page Download Datasheet
7922A Datasheet PDF - Belden Inc.

Part # 7922A
Download  7922A Click to download

File Size   279.03 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description DataTuff짰 5e, 4 Bonded-Pr #22 Sol BC, PO Ins, PVC Jkt, PLTC CMR

7922A Datasheet (HTML) - Belden Inc.




Similar Part No. - 7922A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7922A ETC2-7922A Datasheet
111Kb / 4P
22 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7922A0101000 ETC2-7922A0101000 Datasheet
111Kb / 4P
22 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7922A0102000 ETC2-7922A0102000 Datasheet
111Kb / 4P
22 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
7922A0105000 ETC2-7922A0105000 Datasheet
111Kb / 4P
22 AWG Bonded-Pairs solid bare copper conductors, polyolefin insulation
More results


Similar Description - 7922A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
7903A BELDEN-7903A Datasheet
288Kb / 3P
DataTuff짰 5e, 4 Pr #22 Sol BC, PO Ins, OS, PVC Jkt, PLTC CMR
7918A BELDEN-7918A Datasheet
278Kb / 3P
DataTuff짰 5e, 4 Pr #24 Sol BC, PO Ins, PVC Jkt, MSHA CMR
7919A BELDEN-7919A Datasheet
279Kb / 3P
DataTuff짰 5e, 4 Pr #24 Sol BC, PO Ins, OS, PVC Jkt, MSHA CMR
7923A BELDEN-7923A Datasheet
279Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, PVC Jkt, MSHA CMR
7929A BELDEN-7929A Datasheet
279Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, OS, PVC Jkt, CMR CMG
7932A BELDEN-7932A Datasheet
249Kb / 3P
DataTuff짰 5e, 2 Bonded-Pr #24 Sol BC, PO Ins, PVC Jkt, CMR SUN RES OIL RES
7958A BELDEN-7958A Datasheet
280Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #23 Sol BC, PO Ins, OS, PVC Jkt, CMR AWM 21047
11700A BELDEN-11700A Datasheet
278Kb / 3P
DataTuff짰 5e, 4 Bonded-Pr #24 Sol BC, PO Ins, PVC Jkt, PVC Jkt, MSHA CMR
127903A BELDEN-127903A Datasheet
243Kb / 3P
DataTuff짰 5e, 4Pr #22 Sol BC, PO Ins, OS, PVC Jkt, AIA Armor, PVC Jkt, PLTC CMR
11872A BELDEN-11872A Datasheet
263Kb / 3P
DataTuff짰 6, 4 Bonded-Pr #24 Sol BC, PO Ins, PVC Jkt, PVC Jkt, CMR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com