Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOB115 Datasheet (PDF) - Schneider Electric

QOB115 Datasheet PDF - Schneider Electric
Part # QOB115
Download  QOB115 Download
File Size   105.15 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QO mini breaker, 15 A, 1 pole, 120/240 V, 10 kA, bolt on

QOB115 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOB115 Datasheet PDF - Schneider Electric

Part # QOB115
Download  QOB115 Click to download

File Size   105.15 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description QO mini breaker, 15 A, 1 pole, 120/240 V, 10 kA, bolt on

QOB115 Datasheet (HTML) - Schneider Electric




Similar Part No. - QOB115

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB1151021 SCHNEIDER-QOB1151021 Datasheet
138Kb / 2P
Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Bolt on, Shunt Trip
Dec 6, 2019
QOB1151032 SCHNEIDER-QOB1151032 Datasheet
57Kb / 2P
Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Bolt on
QOB1151042 SCHNEIDER-QOB1151042 Datasheet
119Kb / 2P
Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB1151044 SCHNEIDER-QOB1151044 Datasheet
56Kb / 2P
Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Bolt on
QOB1151200 SCHNEIDER-QOB1151200 Datasheet
121Kb / 2P
Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Bolt on, Aux Switch 1A
Dec 4, 2019
More results


Similar Description - QOB115

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB120 SCHNEIDER-QOB120 Datasheet
107Kb / 3P
QO mini breaker, 20 A, 1 pole, 120/240 V, 10 kA, bolt on
Nov 25, 2019
QOB215 SCHNEIDER-QOB215 Datasheet
129Kb / 3P
QO mini breaker, 15 A, 2 pole, 120/240 V, 10 kA, bolt on
QOB130 SCHNEIDER-QOB130 Datasheet
106Kb / 3P
QO mini breaker, 30 A, 1 pole, 120/240 V, 10 kA, bolt on
QOB315 SCHNEIDER-QOB315 Datasheet
150Kb / 3P
QO mini breaker, 15 A, 3 pole, 120/240 V, 10 kA, bolt on
Nov 27, 2019
QOB110 SCHNEIDER-QOB110 Datasheet
109Kb / 3P
QO mini breaker, 10 A, 1 pole, 120/240 V, 10 kA, bolt on
QOB115VH SCHNEIDER-QOB115VH Datasheet
113Kb / 2P
QO mini breaker, 15 A, 1 pole, 120/240 V, 22 kA, bolt on
QOB125 SCHNEIDER-QOB125 Datasheet
108Kb / 3P
QO mini breaker, 25 A, 1 pole, 120/240 V, 10 kA, bolt on
QOB150 SCHNEIDER-QOB150 Datasheet
116Kb / 3P
QO mini breaker, 50 A, 1 pole, 120/240 V, 10 kA, bolt on
QOB140 SCHNEIDER-QOB140 Datasheet
106Kb / 3P
QO mini breaker, 40 A, 1 pole, 120/240 V, 10 kA, bolt on
QOB115CP SCHNEIDER-QOB115CP Datasheet
106Kb / 2P
QO mini breaker, 15 A, 1 pole, 120/240 V, 10 kA, bolt on, CP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com