| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PDTC143X
|
86Kb / 12P |
NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005 |
|
PDTA114T
|
88Kb / 11P |
PNP resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 07-20 April 2007 |
|
PDTC123TM
|
85Kb / 10P |
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01-10 March 2006 |
|
PDTC114TT-215
|
88Kb / 11P |
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08-9 February 2006 |
|
PDTC115T
|
78Kb / 10P |
NPN resistor-equipped transistors; R1 =100 kW, R2 open
Rev. 04-17 February 2005 |
|
PEMD14_PUMD14
|
77Kb / 11P |
NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = open
Rev. 02-2 September 2009 |
 Nexperia B.V. All right... |
PDTC114T_SER
|
586Kb / 11P |
NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006 |
|
PDTC115T_SER
|
177Kb / 11P |
NPN resistor-equipped transistors; R1 = 100 kW, R2 = open
Rev. 04 - 17 February 2005 |
|
PDTC123T_SER
|
585Kb / 10P |
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 10 March 2006 |
|
PDTA114T_SER
|
202Kb / 12P |
PNP resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 07 - 20 April 2007 |