| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PSMN1R2-25YL
|
220Kb / 13P |
N-channel 25 V 1.2 m廓 logic level MOSFET in LFPAK
Rev. 01-25 June 2009 |
|
PSMN1R3-30YL
|
221Kb / 14P |
N-channel 30 V 1.3 m廓 logic level MOSFET in LFPAK
Rev. 02-25 June 2009 |
|
PSMN1R7-30YL
|
445Kb / 13P |
N-channel 30 V 1.7 m廓 logic level MOSFET in LFPAK
Rev. 04-20 April 2010 |
|
PSMN1R5-30YL
|
428Kb / 15P |
N-channel 30 V 1.5 m廓 logic level MOSFET in LFPAK
Rev. 01-9 April 2010 |
|
PSMN1R7-30YL
|
305Kb / 15P |
N-channel 30 V 1.7 m廓 logic level MOSFET in LFPAK
Rev. 1-30 May 2011 |
|
PSMN9R5-30YLC
|
299Kb / 15P |
N-channel 30 V 9.8 m廓 logic level MOSFET in LFPAK using
Rev. 2-1 September 2011 |
|
PSMN4R0-25YLC
|
425Kb / 15P |
N-channel 25 V 4.5 m廓 logic level MOSFET in LFPAK
Rev. 01-2 December 2010 |
|
PSMN2R0-30YL
|
247Kb / 14P |
N-channel 30 V 2 m廓 logic level MOSFET in LFPAK
Rev. 4-10 March 2011 |
|
PSMN2R5-30YL
|
417Kb / 14P |
N-channel 30 V 2.4 m廓 logic level MOSFET in LFPAK
Rev. 04-10 March 2011 |
|
PSMN2R0-30YLE
|
229Kb / 13P |
-channel 30 V 2 m廓 logic level MOSFET in LFPAK
12 October 2012 |