Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC143XQA Datasheet (PDF) - Nexperia B.V. All rights reserved

PDTC143XQA Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDTC143XQA
Download  PDTC143XQA Download
File Size   2760.58 Kbytes
Page   22 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA NPN resistor-equipped transistors

PDTC143XQA Datasheet (PDF)

Go To PDF Page Download Datasheet
PDTC143XQA Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDTC143XQA
Download  PDTC143XQA Click to download

File Size   2760.58 Kbytes
Page   22 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA NPN resistor-equipped transistors

PDTC143XQA Datasheet (HTML) - Nexperia B.V. All rights reserved


PDTC143XQA Product details

General description
100 mA NPN Resistor-Equipped Transistor (RET) family in a leadless ultra small DFN1010D-3 (SOT1215) Surface-Mounted Device (SMD) plastic package with visible and solderable side pads.

Features and benefits
■ 100 mA output current capability 
■ Reduced pick and place costs
■ Built-in bias resistors 
■ Low package height of 0.37 mm
■ Simplifies circuit design 
■ AEC-Q101 qualified
■ Reduces component count 
■ Suitable for Automatic Optical
   Inspection (AOI) of solder joint

Applications
■ Digital applications 
■ Controlling IC inputs
■ Cost saving alternative for
   BC847/BC857 series in digital
   applications
■ Switching loads




Similar Part No. - PDTC143XQA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC143XQA NEXPERIA-PDTC143XQA Datasheet
2Mb / 22P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 30 October 2015
PDTC143XQA NEXPERIA-PDTC143XQA Datasheet
2Mb / 22P
50 V, 100 mA PNP resistor-equipped transistors
Rev. 1 - 30 October 2015
PDTC143XQA_SER NEXPERIA-PDTC143XQA_SER Datasheet
2Mb / 22P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 30 October 2015
More results


Similar Description - PDTC143XQA

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC143 NEXPERIA-PDTC143 Datasheet
2Mb / 21P
50 V, 100 mA NPN resistor-equipped transistors
PDTC143EQB-Q_SER NEXPERIA-PDTC143EQB-Q_SER Datasheet
327Kb / 18P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC143EQB_SER NEXPERIA-PDTC143EQB_SER Datasheet
326Kb / 18P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC143EQC-Q_SER NEXPERIA-PDTC143EQC-Q_SER Datasheet
331Kb / 18P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC143EQC_SER NEXPERIA-PDTC143EQC_SER Datasheet
330Kb / 18P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC143XQA_SER NEXPERIA-PDTC143XQA_SER Datasheet
2Mb / 22P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 30 October 2015
PDTC143XQB-Q_SER NEXPERIA-PDTC143XQB-Q_SER Datasheet
363Kb / 20P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC143XQB_SER NEXPERIA-PDTC143XQB_SER Datasheet
362Kb / 20P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC143XQC-Q_SER NEXPERIA-PDTC143XQC-Q_SER Datasheet
366Kb / 20P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
PDTC143XQC_SER NEXPERIA-PDTC143XQC_SER Datasheet
365Kb / 20P
50 V, 100 mA NPN resistor-equipped transistors
Rev. 1 - 1 October 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com