Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1338A Datasheet (PDF) - Belden Inc.

1338A Datasheet PDF - Belden Inc.
Part # 1338A
Download  1338A Download
File Size   261.9 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fieldbus, 2 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, 600V TC-ER

1338A Datasheet (PDF)

Go To PDF Page Download Datasheet
1338A Datasheet PDF - Belden Inc.

Part # 1338A
Download  1338A Click to download

File Size   261.9 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fieldbus, 2 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, 600V TC-ER

1338A Datasheet (HTML) - Belden Inc.




Similar Part No. - 1338A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
1338AC-18SRGI RENESAS-1338AC-18SRGI Datasheet
748Kb / 24P
Real-Time Clock with Battery Backed Non-Volatile RAM
September 30, 2020
1338AC-18SRGI RENESAS-1338AC-18SRGI Datasheet
1Mb / 24P
Real-Time Clock with Battery Backed Non-Volatile RAM
December 14, 2023
1338AC-18SRGI RENESAS-1338AC-18SRGI Datasheet
1Mb / 24P
Real-Time Clock with Battery Backed Non-Volatile RAM
December 14, 2023
1338AC-18SRGI8 RENESAS-1338AC-18SRGI8 Datasheet
748Kb / 24P
Real-Time Clock with Battery Backed Non-Volatile RAM
September 30, 2020
1338AC-18SRGI8 RENESAS-1338AC-18SRGI8 Datasheet
1Mb / 24P
Real-Time Clock with Battery Backed Non-Volatile RAM
December 14, 2023
More results


Similar Description - 1338A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1327A BELDEN-1327A Datasheet
256Kb / 3P
Fieldbus, 2 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1328A BELDEN-1328A Datasheet
257Kb / 3P
Fieldbus, 5 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1330A BELDEN-1330A Datasheet
258Kb / 3P
Fieldbus, 12 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1331A BELDEN-1331A Datasheet
257Kb / 3P
Fieldbus, 16 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1337A BELDEN-1337A Datasheet
253Kb / 2P
Fieldbus, 1 Pr #18 Str TC, PO Ins, IS/OS, 1C #18 Str PVC Ins, PVC Jkt, 600V TC-ER
1339A BELDEN-1339A Datasheet
262Kb / 3P
Fieldbus, 5 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, 600V TC-ER
1340A BELDEN-1340A Datasheet
262Kb / 3P
Fieldbus, 8 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, 600V TC-ER
1359A BELDEN-1359A Datasheet
260Kb / 4P
Fieldbus, 50 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
2119A BELDEN-2119A Datasheet
256Kb / 3P
Fieldbus, 2 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2119T BELDEN-2119T Datasheet
153Kb / 1P
Fieldbus, 2 Pr #18 Str TC, XLPO Ins, IS/OS, LSZH Jkt, 600V TC-ER
12-22-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com