Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1366A Datasheet (PDF) - Belden Inc.

1366A Datasheet PDF - Belden Inc.
Part # 1366A
Download  1366A Download
File Size   258.04 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fieldbus, 20 Pr #16 Str TC, PO Ins, IS/OS, PVC Jkt, CMG

1366A Datasheet (PDF)

Go To PDF Page Download Datasheet
1366A Datasheet PDF - Belden Inc.

Part # 1366A
Download  1366A Click to download

File Size   258.04 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fieldbus, 20 Pr #16 Str TC, PO Ins, IS/OS, PVC Jkt, CMG

1366A Datasheet (HTML) - Belden Inc.




Similar Part No. - 1366A

ManufacturerPart #DatasheetDescription
logo
CEE Norm UK Ltd
1366 CEENORM-1366 Datasheet
1Mb / 4P
Socket Outlets
logo
List of Unclassifed Man...
1366-1 ETC2-1366-1 Datasheet
430Kb / 1P
MICRO PINS
13660 ETC1-13660 Datasheet
219Kb / 5P
Normal Wall Flame Retardant Heat Shrink Tubing
logo
Multicomp Pro
13660 MULTICOMP-13660 Datasheet
140Kb / 2P
Normal Wall, Low-Smoke Halogen Free, Polyolefin Heat Shrink Tubing - Clear
23/06/22 V1.0
logo
raaco Great Britain Ltd
136600 RAACO-136600 Datasheet
8Mb / 148P
raaco Assortment Boxes
More results


Similar Description - 1366A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1328A BELDEN-1328A Datasheet
257Kb / 3P
Fieldbus, 5 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1331A BELDEN-1331A Datasheet
257Kb / 3P
Fieldbus, 16 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1332A BELDEN-1332A Datasheet
258Kb / 3P
Fieldbus, 20 Pr #18 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1360A BELDEN-1360A Datasheet
257Kb / 3P
Fieldbus, 1 Pr #16 Str TC, PO Ins, OS, PVC Jkt, CMG
1361A BELDEN-1361A Datasheet
256Kb / 3P
Fieldbus, 2 Pr #16 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1362A BELDEN-1362A Datasheet
257Kb / 3P
Fieldbus, 5 Pr #16 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1363A BELDEN-1363A Datasheet
255Kb / 3P
Fieldbus, 8 Pr #16 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1364A BELDEN-1364A Datasheet
255Kb / 3P
Fieldbus, 12 Pr #16 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1365A BELDEN-1365A Datasheet
256Kb / 3P
Fieldbus, 16 Pr #16 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1367A BELDEN-1367A Datasheet
258Kb / 3P
Fieldbus, 24 Pr #16 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com