Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2132A Datasheet (PDF) - Belden Inc.

2132A Datasheet PDF - Belden Inc.
Part # 2132A
Download  2132A Download
File Size   262.69 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fieldbus, 16 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER

2132A Datasheet (PDF)

Go To PDF Page Download Datasheet
2132A Datasheet PDF - Belden Inc.

Part # 2132A
Download  2132A Click to download

File Size   262.69 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Fieldbus, 16 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER

2132A Datasheet (HTML) - Belden Inc.




Similar Part No. - 2132A

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2132 ALPHAWIRE-2132 Datasheet
107Kb / 3P
Customer Specification
9/14/2022
logo
Heyco.
2132 HEYCO-2132 Datasheet
151Kb / 1P
Extra Dome Plugs
logo
Belden Inc.
2132 BELDEN-2132 Datasheet
373Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
RAF ELECTRONIC HARDWARE
2132-632-AL RAF-2132-632-AL Datasheet
89Kb / 1P
1/4 HEX FEMALE STANDOFFS
2132-632-S RAF-2132-632-S Datasheet
89Kb / 1P
1/4 HEX FEMALE STANDOFFS
More results


Similar Description - 2132A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
2120A BELDEN-2120A Datasheet
256Kb / 3P
Fieldbus, 5 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2123A BELDEN-2123A Datasheet
256Kb / 3P
Fieldbus, 16 Pr #18 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2127A BELDEN-2127A Datasheet
261Kb / 3P
Fieldbus, 1 Pr #16 Str TC, XLPO Ins, OS, TPE Jkt, 600V TC
2128A BELDEN-2128A Datasheet
262Kb / 3P
Fieldbus, 2 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2129A BELDEN-2129A Datasheet
262Kb / 3P
Fieldbus, 5 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2130A BELDEN-2130A Datasheet
262Kb / 3P
Fieldbus, 8 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2131A BELDEN-2131A Datasheet
262Kb / 3P
Fieldbus, 12 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2133A BELDEN-2133A Datasheet
261Kb / 3P
Fieldbus, 20 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2134A BELDEN-2134A Datasheet
262Kb / 3P
Fieldbus, 24 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
2135A BELDEN-2135A Datasheet
264Kb / 3P
Fieldbus, 36 Pr #16 Str TC, XLPO Ins, IS/OS, TPE Jkt, 600V TC-ER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com