Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10H602 Datasheet (PDF) - ON Semiconductor

MC10H602 Datasheet PDF - ON Semiconductor
Part # MC10H602
Download  MC10H602 Download
File Size   86.26 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 9-Bit Latch TTL/ECL Translator

MC10H602 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10H602 Datasheet PDF - ON Semiconductor

Part # MC10H602
Download  MC10H602 Click to download

File Size   86.26 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 9-Bit Latch TTL/ECL Translator

MC10H602 Datasheet (HTML) - ON Semiconductor


MC10H602 Product details

Description

The MC10H/100H602 is a 9−bit, dual supply TTL to ECL translator with latch. Devices in the ON Semiconductor 9−bit translator series utilize the PLCC−28 for optimal power pinning, signal flow−through and electrical performance.

The H602 features D−type latches. Latching is controlled by Latch Enable (LEN), while the Master Reset input resets the latches. A post−latch logic enable is also provided (ENECL), allowing control of the output state without destroying latch data. All control inputs are ECL level.

The 10H version is compatible with MECL 10H™ ECL logic levels.

The 100H version is compatible with 100K levels.



Features

• 9−Bit Ideal for Byte−Parity Applications

• Flow−Through Configuration

• Extra TTL and ECL Power/Ground Pins to Minimize Switching Noise

• Dual Supply

• 3.5 ns Max D to Q

• PNP TTL Inputs for Low Loading

• Pb−Free Packages are Available*



 




Similar Part No. - MC10H602

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H602 ONSEMI-MC10H602 Datasheet
112Kb / 6P
9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H602FN ONSEMI-MC10H602FN Datasheet
112Kb / 6P
9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H602FNG ONSEMI-MC10H602FNG Datasheet
112Kb / 6P
9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H602FNR2 ONSEMI-MC10H602FNR2 Datasheet
112Kb / 6P
9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H602FNR2G ONSEMI-MC10H602FNR2G Datasheet
112Kb / 6P
9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
More results


Similar Description - MC10H602

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H600 ONSEMI-MC10H600 Datasheet
82Kb / 4P
9-Bit TTL/ECL Translator
1996 REV 5
MC10H603 ONSEMI-MC10H603 Datasheet
89Kb / 5P
9-Bit Latch ECL/TTL Translator
1996 REV 5
logo
Fairchild Semiconductor
100393 FAIRCHILD-100393 Datasheet
60Kb / 6P
Low Power 9-Bit ECL-to-TTL Translator with Latches
100395 FAIRCHILD-100395 Datasheet
54Kb / 5P
Low Power 9-Bit ECL-to-TTL Translator with Registers
logo
Micrel Semiconductor
SY10H600 MICREL-SY10H600 Datasheet
69Kb / 4P
9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
logo
ON Semiconductor
MC10H600 ONSEMI-MC10H600_06 Datasheet
110Kb / 6P
9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC10H601 ONSEMI-MC10H601 Datasheet
111Kb / 6P
9?묪it ECL to TTL Translator
November, 2006 ??Rev. 12
MC10H602 ONSEMI-MC10H602_06 Datasheet
112Kb / 6P
9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H603 ONSEMI-MC10H603_06 Datasheet
112Kb / 7P
9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
logo
Micrel Semiconductor
SY10H600 MICREL-SY10H600_06 Datasheet
469Kb / 4P
9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com