Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE681M23 Datasheet (PDF) - NEC

NE681M23 Datasheet PDF - NEC
Part # NE681M23
Download  NE681M23 Download
File Size   18.76 Kbytes
Page   2 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON TRANSISTOR

NE681M23 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE681M23 Datasheet PDF - NEC

Part # NE681M23
Download  NE681M23 Click to download

File Size   18.76 Kbytes
Page   2 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON TRANSISTOR

NE681M23 Datasheet (HTML) - NEC


NE681M23 Product details

DESCRIPTION
The NE681M23 transistor is ideal for low noise, high gain, and low cost amplifier applications. NECs new low profile/ceramic substrate style "M23" package is ideal for todays portable wireless applications. The NE681 is also available in chip, Micro-x, and six different low cost plastic surface mount package styles.

FEATURES
• NEW MINIATURE M23 PACKAGE:
   – Worlds smallest transistor package footprint —
      leads are completely underneath package body
   – Low profile/0.55 mm package height
   – Ceramic substrate for better RF performance
• HIGH GAIN BANDWIDTH PRODUCT:
   fT = 7 GHz
• LOW NOISE FIGURE:
   NF = 1.4 dB




Similar Part No. - NE681M23

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE681M03 CEL-NE681M03 Datasheet
142Kb / 4P
NECs NPN SILICON TRANSISTOR
06/10/2002
NE681M03-A CEL-NE681M03-A Datasheet
142Kb / 4P
NECs NPN SILICON TRANSISTOR
06/10/2002
NE681M03-T1-A CEL-NE681M03-T1-A Datasheet
142Kb / 4P
NECs NPN SILICON TRANSISTOR
06/10/2002
NE681M13 CEL-NE681M13 Datasheet
148Kb / 3P
NECs NP SILICON TRANSISTOR
2/09/2000
NE681M13-A CEL-NE681M13-A Datasheet
148Kb / 3P
NECs NP SILICON TRANSISTOR
2/09/2000
More results


Similar Description - NE681M23

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com