Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPA821TF Datasheet (PDF) - NEC

UPA821TF Datasheet PDF - NEC
Part # UPA821TF
Download  UPA821TF Download
File Size   40.07 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON EPITAXIAL TWIN TRANSISTOR

UPA821TF Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA821TF Datasheet PDF - NEC

Part # UPA821TF
Download  UPA821TF Click to download

File Size   40.07 Kbytes
Page   6 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description NPN SILICON EPITAXIAL TWIN TRANSISTOR

UPA821TF Datasheet (HTML) - NEC


UPA821TF Product details

DESCRIPTION
The UPA821TF has two built-in low-voltage transistors which are designed for low-noise amplification in the VHF to UHF band. The two die are chosen from adjacent locations on the wafer. These features combined with the pin configuration make this device ideal for balanced or mirrored applications. Low noise figures, high gain, and high current capability equate to wide dynamic range and excellent linearity. The thinner package style allows for higher density designs.

FEATURES
• LOW NOISE:
    NF = 1.2 dB TYP at f = 1 GHz, VCE = 3 V, lc = 7 mA
• HIGH GAIN:
    |S21E|2 = 9.0 dB TYP at f = 1 GHz, VCE = 3 V, lc = 7 mA
• SMALL PACKAGE STYLE:
    2 NE856 die in a 2 mm x 1.25 mm x 0.6 mm package




Similar Part No. - UPA821TF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA821TF RENESAS-UPA821TF Datasheet
225Kb / 18P
SILICON TRANSISTOR
1997
More results


Similar Description - UPA821TF

ManufacturerPart #DatasheetDescription
logo
NEC
UPA827TF NEC-UPA827TF Datasheet
166Kb / 6P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA836TF NEC-UPA836TF Datasheet
79Kb / 11P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA836TC NEC-UPA836TC Datasheet
16Kb / 2P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
California Eastern Labs
UPA831TC CEL-UPA831TC Datasheet
16Kb / 2P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
NEC
UPA837TF NEC-UPA837TF Datasheet
18Kb / 2P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA826TC NEC-UPA826TC_01 Datasheet
35Kb / 3P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA832TF NEC-UPA832TF_99 Datasheet
58Kb / 9P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
UPA833TF NEC-UPA833TF_99 Datasheet
77Kb / 11P
NPN SILICON EPITAXIAL TWIN TRANSISTOR
logo
Renesas Technology Corp
HTT1127E RENESAS-HTT1127E Datasheet
284Kb / 9P
Silicon NPN Epitaxial Twin Transistor
HTT1213E RENESAS-HTT1213E Datasheet
144Kb / 4P
Silicon NPN Epitaxial Twin Transistor
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com