Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-7813 Datasheet (PDF) - Agilent(Hewlett-Packard)

ACPM-7813 Datasheet PDF - Agilent(Hewlett-Packard)
Part # ACPM-7813
Download  ACPM-7813 Download
File Size   183.86 Kbytes
Page   21 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description CDMA/AMPS Power Amplifier Module

ACPM-7813 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPM-7813 Datasheet PDF - Agilent(Hewlett-Packard)

Part # ACPM-7813
Download  ACPM-7813 Click to download

File Size   183.86 Kbytes
Page   21 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description CDMA/AMPS Power Amplifier Module

ACPM-7813 Datasheet (HTML) - Agilent(Hewlett-Packard)


ACPM-7813 Product details

Description
The ACPM-7813 is a fully matched CDMA Power amplifier module. Designed around Agilent Technologies’ new Enhancement Mode pHEMT process, the ACPM-7813 offers premium performance in a very small form factor. Fully matched to 50 Ohms on the input and output.

Features
• Operating frequency: 824 – 849 MHz
• 28.5 dBm linear output power @ 3.4V
• High efficiency: 40% PAE
• Dynamic bias control for low midpower Idd
• Very low quiescent current with single control voltage
• Internal 50 ohm matching networks for both RF IN/OUT
• 3.2– 4.2V linear operation
• cdma2000 1xRTT capable
• Only 3 SMT parts needed
• 4.0 x 4.0 x 1.1 mm SMT package

Applications
• CDMA handsets
• Datacards
• PDAs




Similar Part No. - ACPM-7813

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7813 AVAGO-ACPM-7813 Datasheet
217Kb / 20P
Dynamic bias control for low midpower Idd
logo
Broadcom Corporation.
ACPM-7813 BOARDCOM-ACPM-7813 Datasheet
205Kb / 20P
CDMA/AMPS Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7813-BLK AVAGO-ACPM-7813-BLK Datasheet
217Kb / 20P
Dynamic bias control for low midpower Idd
logo
Broadcom Corporation.
ACPM-7813-BLK BOARDCOM-ACPM-7813-BLK Datasheet
205Kb / 20P
CDMA/AMPS Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7813-TR1 AVAGO-ACPM-7813-TR1 Datasheet
217Kb / 20P
Dynamic bias control for low midpower Idd
More results


Similar Description - ACPM-7813

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMPA0913C-58 ETC-RMPA0913C-58 Datasheet
257Kb / 6P
3.5V AMPS/CDMA Power Amplifier
logo
ANADIGICS, Inc
AWT6111 ANADIGICS-AWT6111 Datasheet
79Kb / 4P
CDMA/AMPS Power Amplifier
Rev 0
logo
List of Unclassifed Man...
FC7113 ETC-FC7113 Datasheet
130Kb / 5P
Power Amplifier Module for CDMA/AMPS
logo
ANADIGICS, Inc
AWT6130 ANADIGICS-AWT6130 Datasheet
195Kb / 8P
Cellular Dual Mode AMPS/CDMA 3.5V 29dBm Power Amplifier Module
REV 1.0
logo
List of Unclassifed Man...
FC7103 ETC1-FC7103 Datasheet
193Kb / 6P
Power Amplifier Module for CDMA/AMPS
logo
ANADIGICS, Inc
AWT6112 ANADIGICS-AWT6112 Datasheet
361Kb / 12P
Cellular Dual Mode AMPS/CDMA 3.4V/28dBm Linear Power Amplifier Module
Rev 1.6
logo
Skyworks Solutions Inc.
CX77105 SKYWORKS-CX77105 Datasheet
563Kb / 17P
Power Amplifier Module for CDMA/AMPS (824-849 MHz)
SKY77162 SKYWORKS-SKY77162 Datasheet
212Kb / 13P
System Smart Power Amplifier Module for CDMA / AMPS (824-849 MHz)
logo
ANADIGICS, Inc
AWC6344 ANADIGICS-AWC6344 Datasheet
333Kb / 8P
HELP CDMA AWS/KPCS CDMA Power Amplifier Module
logo
Broadcom Corporation.
ACPM-7813 BOARDCOM-ACPM-7813 Datasheet
205Kb / 20P
CDMA/AMPS Power Amplifier Module
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com