Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM621 Datasheet (PDF) - ELM Electronics

ELM621 Datasheet PDF - ELM Electronics
Part # ELM621
Download  ELM621 Download
File Size   38.06 Kbytes
Page   6 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description SERIAL THREE BIT PORT

ELM621 Datasheet (PDF)

Go To PDF Page Download Datasheet
ELM621 Datasheet PDF - ELM Electronics

Part # ELM621
Download  ELM621 Click to download

File Size   38.06 Kbytes
Page   6 Pages
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics
Description SERIAL THREE BIT PORT

ELM621 Datasheet (HTML) - ELM Electronics


ELM621 Product details

Description

The ELM621 is a serially controlled, three bit parallel I/O port in an 8 pin package. The high level of integration employed means that very few external components are required in order to construct a fully functional circuit with this IC.



Features

• Low power CMOS design - typically 1mA

• High speed (9600 baud) RS232 communications

• Standard ASCII commands and responses

• 16 byte receive buffer

• Switchable pullup resistance

• Minimum of external components required

• External reset input

• High current drive outputs - up to 25 mA




Applications

• Home automation monitoring and control

• Robotics

• Security monitoring

• IC programmers


 




Similar Part No. - ELM621

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM621LA ELM-ELM621LA Datasheet
527Kb / 9P
High efficiency 30V step up DC/DC converter
logo
ELM Technology Corporat...
ELM621LA ELM-TECH-ELM621LA Datasheet
527Kb / 9P
High efficiency 30V step up DC/DC converter
More results


Similar Description - ELM621

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1843 AD-AD1843 Datasheet
848Kb / 64P
Serial-Port 16-Bit SoundComm Codec
AD1847 AD-AD1847 Datasheet
311Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
AD1849K AD-AD1849K Datasheet
293Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
logo
Intersil Corporation
CDP68HC68P1 INTERSIL-CDP68HC68P1 Datasheet
253Kb / 9P
CMOS Serial 8-Bit Input/Output Port
September 2003
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
430Kb / 15P
Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_06 Datasheet
479Kb / 20P
Three-wire Serial EEPROM
logo
Analog Devices
AD1849KPZ AD-AD1849KPZ Datasheet
662Kb / 28P
Serial-Port 16-Bit SoundPort짰 Stereo Codec
REV. A
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1843 AD-AD1843_15 Datasheet
1Mb / 64P
Serial-Port 16-Bit SoundComm Codec
REV. 0
AD1849 AD-AD1849_15 Datasheet
662Kb / 28P
Serial-Port 16-Bit SoundPort Stereo Codec
REV. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com