Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX553BBB156M250 Datasheet (PDF) - Microchip Technology

MX553BBB156M250 Datasheet PDF - Microchip Technology
Part # MX553BBB156M250
Download  MX553BBB156M250 Download
File Size   1828.16 Kbytes
Page   4 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Ultra-Low Jitter 156.25MHz LVDS XO

MX553BBB156M250 Datasheet (PDF)

Go To PDF Page Download Datasheet
MX553BBB156M250 Datasheet PDF - Microchip Technology

Part # MX553BBB156M250
Download  MX553BBB156M250 Click to download

File Size   1828.16 Kbytes
Page   4 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Ultra-Low Jitter 156.25MHz LVDS XO

MX553BBB156M250 Datasheet (HTML) - Microchip Technology


MX553BBB156M250 Product details

General Description
The MX553BBB156M250 is an ultra-low phase jitter XO with LVDS output optimized for high line rate applications.

Features
• 156.25MHz LVDS
• Typical phase noise:
   - 92fs (Integration range: 1.875MHz-20MHz)
• ±50ppm total frequency stability
• -40°C to +85°C temperature range
• Industry standard 6-Pin 5mm x 3.2mm LGA
   package

Applications
• 10/40/400 Gigabit Ethernet
• Fibre Channel 10G/12G SERDES




Similar Part No. - MX553BBB156M250

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MX553BHA156M250 MICREL-MX553BHA156M250 Datasheet
1Mb / 4P
Ultra-low Jitter 156.25MHz LVPECL XO
MX553BHA156M250TR MICREL-MX553BHA156M250TR Datasheet
1Mb / 4P
Ultra-low Jitter 156.25MHz LVPECL XO
More results


Similar Description - MX553BBB156M250

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
SN10GE156 PERICOM-SN10GE156 Datasheet
554Kb / 2P
3.3V PECL Low Jitter 156.25MHz 10GbE XO
logo
List of Unclassifed Man...
LDA000002 ETC2-LDA000002 Datasheet
249Kb / 2P
3.3V LVDS Low Jitter XO
logo
Pericom Semiconductor C...
PD10GE156 PERICOM-PD10GE156 Datasheet
870Kb / 2P
3.3V PECL Low Jitter 156.25MHz 10GbE XO
UX7040GE01 PERICOM-UX7040GE01 Datasheet
973Kb / 2P
3.3V PECL Ultra Low Jitter 156.25MHz XO
UX5040GE01 PERICOM-UX5040GE01 Datasheet
931Kb / 2P
3.3V PECL Ultra Low Jitter 156.25MHz XO
logo
Micrel Semiconductor
MX553BHA156M250 MICREL-MX553BHA156M250 Datasheet
1Mb / 4P
Ultra-low Jitter 156.25MHz LVPECL XO
logo
Microchip Technology
MX554BBG322M265 MICROCHIP-MX554BBG322M265 Datasheet
1Mb / 4P
Ultra-Low Jitter 322.265625MHz LVDS XO
September 15, 2016 Revision 1.0
MX573EBB125M000 MICROCHIP-MX573EBB125M000 Datasheet
1Mb / 4P
Ultra-Low Jitter 125MHz LVDS XO
June 26, 2019 Revision 1.0
MX553LBB148M500 MICROCHIP-MX553LBB148M500 Datasheet
1Mb / 4P
Ultra-Low Jitter 148.5MHz LVDS XO
September 28, 2016 Revision 1.0
MX573ABB106M250 MICROCHIP-MX573ABB106M250 Datasheet
1Mb / 3P
Ultra-Low Jitter 106.25MHz LVDS XO
April 12, 2017 Revision 1.0
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com