Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM0330 Datasheet (PDF) - List of Unclassifed Manufacturers

CMM0330 Datasheet PDF - List of Unclassifed Manufacturers
Part # CMM0330
Download  CMM0330 Download
File Size   34.83 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 824 to 928 MHz 3V, 30.5 dBm Multi-Mode Power Amplifier

CMM0330 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMM0330 Datasheet PDF - List of Unclassifed Manufacturers

Part # CMM0330
Download  CMM0330 Click to download

File Size   34.83 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 824 to 928 MHz 3V, 30.5 dBm Multi-Mode Power Amplifier

CMM0330 Datasheet (HTML) - List of Unclassifed Manufacturers


CMM0330 Product details

[Celeritek]

Description
The CMM0330 is a highly efficient 3 V, multi-mode power amplifier intended for use in portable cellular handsets and datacom products operating in the AMPS and 902-928 MHz bands. As a pin-compatible member of the new Triniti DX™ amplifier family, the CMM0330 offers maximum performance and flexibility. The CMM0330 is packaged in a low-cost, space efficient SO-8 power package that gives excellent electrical stability and thermal handling performance with a RΘ of less than 18° C/W. The part is designed to require minimal external circuitry for bias matching, simplifying design and keeping board space and cost to a minimum.

Features
❏ Multi-Mode Operation from 3V Supply
❏ 40% Linear Power Added Efficiency
❏ 30 dBm with 55% Power Added Efficiency
❏ Low Cost, SO-8 Surface Mount Package
❏ 39 dB Gain
❏ Tested Under Digital Modulation

Applications
❏ IS-136/AMPS Cellular Handsets
❏ 900 MHz ISM Band Products
❏ Wireless Local Loop Subscriber Terminals




Similar Part No. - CMM0330

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM0335 ETC-CMM0335 Datasheet
34Kb / 2P
890 to 915 MHz 6V, 35 dBm, GSM Power Amplifier
CMM0335-AK ETC-CMM0335-AK Datasheet
34Kb / 2P
890 to 915 MHz 6V, 35 dBm, GSM Power Amplifier
CMM0335-AK-000T ETC-CMM0335-AK-000T Datasheet
34Kb / 2P
890 to 915 MHz 6V, 35 dBm, GSM Power Amplifier
More results


Similar Description - CMM0330

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA-82563 HP-MGA-82563 Datasheet
137Kb / 12P
0.1-6 GHz 3V, 17 dBm Amplifier
logo
Tyco Electronics
MAAPSS0006 MACOM-MAAPSS0006 Datasheet
56Kb / 4P
Cellular CDMA/AMPS Power Amplifier 824 - 849 MHz
logo
List of Unclassifed Man...
CMM0335 ETC-CMM0335 Datasheet
34Kb / 2P
890 to 915 MHz 6V, 35 dBm, GSM Power Amplifier
CHP0230-PM ETC-CHP0230-PM Datasheet
414Kb / 4P
824 to 849 MHz 28.5 dBm, Cellular InGaP HBT Amplifier Module
CMM1330 ETC1-CMM1330 Datasheet
34Kb / 2P
1.85 to 1.91 GHz 3V, 30 dBm PCS/PCN Power Amplifier
logo
SIRENZA MICRODEVICES
XD010-51S-D4F SIRENZA-XD010-51S-D4F_1 Datasheet
140Kb / 5P
902-928 MHz Class A/AB 15W Power Amplifier Module
logo
Stealth Microwave, Inc.
SM08290-41L STEALTH_MICROWAVE-SM08290-41L Datasheet
137Kb / 3P
824-894 MHz 12 Watt Linear Power Amplifier
logo
Skyworks Solutions Inc.
SKY77735 SKYWORKS-SKY77735 Datasheet
153Kb / 3P
Power Amplifier Module for CDMA (824 MHz??49 MHz)
logo
Guerrilla RF, Inc.
GRF5020 GUERRILLA-GRF5020 Datasheet
1Mb / 17P
30.5 dBm Power-LNA??Tuning Range: 0.1 ??3.8 GHz
GRF5610 GUERRILLA-GRF5610 Datasheet
1Mb / 18P
HIGH LINEARITY POWER AMPLIFIER 865 to 928 MHz
December 7, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com