Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOB240FT Datasheet (PDF) - Schneider Electric

QOB240FT Datasheet PDF - Schneider Electric
Part # QOB240FT
Download  QOB240FT Download
File Size   57.72 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 40 A, 2P, 120/240 V, 10 kA, Bolt on, FT

QOB240FT Datasheet (PDF)

Go To PDF Page Download Datasheet
QOB240FT Datasheet PDF - Schneider Electric

Part # QOB240FT
Download  QOB240FT Click to download

File Size   57.72 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 40 A, 2P, 120/240 V, 10 kA, Bolt on, FT

QOB240FT Datasheet (HTML) - Schneider Electric




Similar Part No. - QOB240FT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB240 SCHNEIDER-QOB240 Datasheet
126Kb / 3P
QO mini breaker, 40 A, 2 pole, 120/240 V, 10 kA, bolt on
Nov 27, 2019
QOB2401021 SCHNEIDER-QOB2401021 Datasheet
141Kb / 2P
Mini CB, QO, 40 A, 2P, 120/240 V, 10 kA, Bolt on, Shunt Trip
Dec 6, 2019
QOB2401042 SCHNEIDER-QOB2401042 Datasheet
131Kb / 2P
Mini CB, QO, 40 A, 2P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB2401200 SCHNEIDER-QOB2401200 Datasheet
57Kb / 2P
Mini CB, QO, 40 A, 2P, 120/240 V, 10 kA, Bolt on, Aux Switch 1A
QOB2401201 SCHNEIDER-QOB2401201 Datasheet
134Kb / 2P
Mini CB, QO, 40 A, 2P, 120/240 V, 10 kA, Bolt on, Aux Switch 1B
More results


Similar Description - QOB240FT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB240H SCHNEIDER-QOB240H Datasheet
140Kb / 3P
Mini CB, QO, 40 A, 2P, 120/240 V, 10 kA, Bolt on
Dec 6, 2019
QOB235FT SCHNEIDER-QOB235FT Datasheet
57Kb / 2P
Mini CB, QO, 35 A, 2P, 120/240 V, 10 kA, Bolt on, FT
Dec 30, 2019
QOB240VHFT SCHNEIDER-QOB240VHFT Datasheet
57Kb / 2P
Mini CB, QO, 40 A, 2P, 120/240 V, 22 kA, Bolt on, FT
QOB250FT SCHNEIDER-QOB250FT Datasheet
57Kb / 2P
Mini CB, QO, 50 A, 2P, 120/240 V, 10 kA, Bolt on, FT
QOB215FT SCHNEIDER-QOB215FT Datasheet
104Kb / 2P
Mini CB, QO, 15 A, 2P, 120/240 V, 10 kA, Bolt on, FT
QOB220FT SCHNEIDER-QOB220FT Datasheet
132Kb / 2P
Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Bolt on, FT
QOB225FT SCHNEIDER-QOB225FT Datasheet
57Kb / 2P
Mini CB, QO, 25 A, 2P, 120/240 V, 10 kA, Bolt on, FT
QOB230FT SCHNEIDER-QOB230FT Datasheet
57Kb / 2P
Mini CB, QO, 30 A, 2P, 120/240 V, 10 kA, Bolt on, FT
QOB2405238 SCHNEIDER-QOB2405238 Datasheet
114Kb / 2P
Mini CB, QO, 40 A, 2P, 120/240 V, 10 kA, Bolt on
QOB280FT SCHNEIDER-QOB280FT Datasheet
57Kb / 2P
Mini CB, QO, 80 A, 2P, 120/240 V, 10 kA, Bolt on, FT
Feb 19, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com