Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOB2000 Datasheet (PDF) - Schneider Electric

QOB2000 Datasheet PDF - Schneider Electric
Part # QOB2000
Download  QOB2000 Download
File Size   129.28 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini Switch, QO, 100 A, 2P, 240 V, 10 kA, Bolt on

QOB2000 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOB2000 Datasheet PDF - Schneider Electric

Part # QOB2000
Download  QOB2000 Click to download

File Size   129.28 Kbytes
Page   3 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini Switch, QO, 100 A, 2P, 240 V, 10 kA, Bolt on

QOB2000 Datasheet (HTML) - Schneider Electric




Similar Part No. - QOB2000

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB200 SCHNEIDER-QOB200 Datasheet
136Kb / 3P
Mini Switch, QO, 60 A, 2P, 240 V, 10 kA, Bolt on
More results


Similar Description - QOB2000

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB2100 SCHNEIDER-QOB2100 Datasheet
130Kb / 3P
Mini CB, QO, 100 A, 2P, 120/240 V, 10 kA, Bolt on
Nov 26, 2019
QOB2105237 SCHNEIDER-QOB2105237 Datasheet
125Kb / 2P
Mini CB, QO, 10 A, 2P, 120/240 V, 10 kA, Bolt on
Dec 4, 2019
QOB210 SCHNEIDER-QOB210 Datasheet
149Kb / 3P
Mini CB, QO, 10 A, 2P, 120/240 V, 10 kA, Bolt on
QOB2100H SCHNEIDER-QOB2100H Datasheet
150Kb / 3P
Mini CB, QO, 100 A, 2P, 120/240 V, 10 kA, Bolt on
Dec 6, 2019
QOB200 SCHNEIDER-QOB200 Datasheet
136Kb / 3P
Mini Switch, QO, 60 A, 2P, 240 V, 10 kA, Bolt on
QOB2100FT SCHNEIDER-QOB2100FT Datasheet
56Kb / 2P
Mini CB, QO, 100 A, 2P, 120/240 V, 10 kA, Bolt on, FT
QOB2100Z SCHNEIDER-QOB2100Z Datasheet
57Kb / 2P
Mini CB, QO, 100 A, 2P, 120/240 V, 10 kA, Bolt on
QOB210035 SCHNEIDER-QOB210035 Datasheet
96Kb / 2P
Mini CB, QO, 100 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB2105252 SCHNEIDER-QOB2105252 Datasheet
127Kb / 2P
Mini CB, QO, 10 A, 2P, 120/240 V, 10 kA, Bolt on
Dec 30, 2019
QOB3000 SCHNEIDER-QOB3000 Datasheet
145Kb / 3P
Mini Switch, QO, 100 A, 3P, 240 V, 10 kA, Bolt on
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com