Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOB130FT Datasheet (PDF) - Schneider Electric

QOB130FT Datasheet PDF - Schneider Electric
Part # QOB130FT
Download  QOB130FT Download
File Size   57.64 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 30 A, 1P, 120/240 V, 10 kA, Bolt on, FT

QOB130FT Datasheet (PDF)

Go To PDF Page Download Datasheet
QOB130FT Datasheet PDF - Schneider Electric

Part # QOB130FT
Download  QOB130FT Click to download

File Size   57.64 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 30 A, 1P, 120/240 V, 10 kA, Bolt on, FT

QOB130FT Datasheet (HTML) - Schneider Electric




Similar Part No. - QOB130FT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB130 SCHNEIDER-QOB130 Datasheet
106Kb / 3P
QO mini breaker, 30 A, 1 pole, 120/240 V, 10 kA, bolt on
QOB1301021 SCHNEIDER-QOB1301021 Datasheet
125Kb / 2P
Mini CB, QO, 30 A, 1P, 120/240 V, 10 kA, Bolt on, Shunt Trip
Dec 6, 2019
QOB1301042 SCHNEIDER-QOB1301042 Datasheet
118Kb / 2P
Mini CB, QO, 30 A, 1P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB1301200 SCHNEIDER-QOB1301200 Datasheet
114Kb / 2P
Mini CB, QO, 30 A, 1P, 120/240 V, 10 kA, Bolt on, Aux Switch 1A
QOB1301201 SCHNEIDER-QOB1301201 Datasheet
113Kb / 2P
Mini CB, QO, 30 A, 1P, 120/240 V, 10 kA, Bolt on, Aux Switch 1B
More results


Similar Description - QOB130FT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB120FT SCHNEIDER-QOB120FT Datasheet
106Kb / 2P
Mini CB, QO, 20 A, 1P, 120/240 V, 10 kA, Bolt on, FT
Dec 16, 2019
QOB1305237 SCHNEIDER-QOB1305237 Datasheet
102Kb / 2P
Mini CB, QO, 30 A, 1P, 120/240 V, 10 kA, Bolt on
QOB110FT SCHNEIDER-QOB110FT Datasheet
113Kb / 2P
Mini CB, QO, 10 A, 1P, 120/240 V, 10 kA, Bolt on, FT
QOB115FT SCHNEIDER-QOB115FT Datasheet
106Kb / 2P
Mini CB, QO, 15 A, 1P, 120/240 V, 10 kA, Bolt on, FT
QOB125FT SCHNEIDER-QOB125FT Datasheet
56Kb / 2P
Mini CB, QO, 25 A, 1P, 120/240 V, 10 kA, Bolt on, FT
QOB130VHFT SCHNEIDER-QOB130VHFT Datasheet
57Kb / 2P
Mini CB, QO, 30 A, 1P, 120/240 V, 22 kA, Bolt on, FT
QOB135FT SCHNEIDER-QOB135FT Datasheet
57Kb / 2P
Mini CB, QO, 35 A, 1P, 120/240 V, 10 kA, Bolt on, FT
QOB140FT SCHNEIDER-QOB140FT Datasheet
57Kb / 2P
Mini CB, QO, 40 A, 1P, 120/240 V, 10 kA, Bolt on, FT
QOB145FT SCHNEIDER-QOB145FT Datasheet
56Kb / 2P
Mini CB, QO, 45 A, 1P, 120/240 V, 10 kA, Bolt on, FT
QOB1305219 SCHNEIDER-QOB1305219 Datasheet
57Kb / 2P
Mini CB, QO, 30 A, 1P, 120/240 V, 10 kA, Bolt on
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com