Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

33077 Datasheet (PDF) - ON Semiconductor

33077 Datasheet PDF - ON Semiconductor
Part # 33077
Download  33077 Download
File Size   237.81 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description DUAL, LOW NOISE OPERATIONAL AMPLIFIER

33077 Datasheet (PDF)

Go To PDF Page Download Datasheet
33077 Datasheet PDF - ON Semiconductor

Part # 33077
Download  33077 Click to download

File Size   237.81 Kbytes
Page   12 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description DUAL, LOW NOISE OPERATIONAL AMPLIFIER

33077 Datasheet (HTML) - ON Semiconductor


33077 Product details

The MC33077 is a precision high quality, high frequency, low noise monolithic dual operational amplifier employing innovative bipolar design techniques. Precision matching coupled with a unique analog resistor trim technique is used to obtain low input offset voltages. Dual−doublet frequency compensation techniques are used to enhance the gain bandwidth product of the amplifier. In addition, the MC33077 offers low input noise voltage, low temperature coefficient of input offset voltage, high slew rate, high AC and DC open loop voltage gain and low supply current drain. The all NPN transistor output stage exhibits no deadband cross−over distortion, large output voltage swing, excellent phase and gain margins, low open loop output impedance and symmetrical source and sink AC frequency performance.

The MC33077 is available in plastic DIP and SOIC−8 packages (P and D suffixes).



Features

• Low Voltage Noise: 4.4 nV/Hz @ 1.0 kHz

• Low Input Offset Voltage: 0.2 mV

• Low TC of Input Offset Voltage: 2.0 V/°C

• High Gain Bandwidth Product: 37 MHz @ 100 kHz

• High AC Voltage Gain: 370 @ 100 kHz

                               1850 @ 20 kHz

• Unity Gain Stable: with Capacitance Loads to 500 pF

• High Slew Rate: 11 V/s

• Low Total Harmonic Distortion: 0.007%

• Large Output Voltage Swing: +14 V to −14.7 V

• High DC Open Loop Voltage Gain: 400 k (112 dB)

• High Common Mode Rejection: 107 dB

• Low Power Supply Drain Current: 3.5 mA

• Dual Supply Operation: ±2.5 V to ±18 V

• Pb−Free Package is Available




Similar Part No. - 33077

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
3307 KR-3307 Datasheet
79Kb / 3P
KR Electronics part number 3307 is a 1200 MHz lowpass filter
logo
List of Unclassifed Man...
3307 ETC-3307 Datasheet
100Kb / 1P
Heyco짰 Nylon Cable Clamps
logo
Heyco.
3307 HEYCO-3307 Datasheet
84Kb / 1P
Nylon Cable Clamps
logo
Sumida Corporation
3307-631 SUMIDA-3307-631 Datasheet
34Kb / 1P
General Power Transformer
logo
Festo Corporation.
3307627 FESTO-3307627 Datasheet
89Kb / 1P
Quick coupling
More results


Similar Description - 33077

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
Dual Low-Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
Low Noise Dual Operational Amplifier
Jul-2005
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
Low noise dual operational amplifier
03-Mar-2008
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580 Datasheet
112Kb / 9P
Dual Low Noise Operational Amplifier
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
Low-Noise Dual Operational Amplifier
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
ON Semiconductor
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
Dual Low Noise Operational Amplifier
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com