Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6251 Datasheet (PDF) - Intersil Corporation

ISL6251 Datasheet PDF - Intersil Corporation
Part # ISL6251
Download  ISL6251 Download
File Size   593.61 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Cost Multi-Chemistry Battery Charger Controller

ISL6251 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6251 Datasheet PDF - Intersil Corporation

Part # ISL6251
Download  ISL6251 Click to download

File Size   593.61 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Cost Multi-Chemistry Battery Charger Controller

ISL6251 Datasheet (HTML) - Intersil Corporation


ISL6251 Product details

Low Cost Multi Chemistry Battery Charger Controller

The ISL6251, ISL6251A is a highly integrated battery charger controller for Li-Ion/Li-Ion polymer batteries and NiMH batteries. High Efficiency is achieved by a synchronous buck topology and the use of a MOSFET, instead of a diode, for selecting power from the adapter or battery. The low side MOSFET emulates a diode at light loads to improve the light loadefficiency and prevent system bus boosting.

Features
• ±0.5% Charge Voltage Accuracy (-10°C to 100°C)
• ±3% Accurate Input Current Limit
• ±3% Accurate Battery Charge Current Limit
• ±25% Accurate Battery Trickle Charge Current Limit
   (ISL6251A)
• Programmable Charge Current Limit, Adapter Current
   Limit and Charge Voltage
• Fixed 300kHz PWM Synchronous Buck Controller with
   Diode Emulation at Light Load
• Output for Current Drawn from AC Adapter
• AC Adapter Present Indicator
• Fast Input Current Limit Response
• Input Voltage Range 7V to 25V
• Support 2, 3 and 4 Cells Battery Pack
• Up to 17.64V Battery-Voltage Set Point
• Thermal Shutdown
• Support Pulse Charging
• Less than 10µA Battery Leakage Current
• Charge Any Battery Chemistry: Li-Ion, NiCd, NiMH, etc.
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Notebook, Desknote and Sub-notebook Computers
• Personal Digital Assistant




Similar Part No. - ISL6251

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6251 INTERSIL-ISL6251 Datasheet
461Kb / 20P
Low Cost Multi-Chemistry Battery Charger Controller
May 10, 2006
logo
Renesas Technology Corp
ISL6251 RENESAS-ISL6251 Datasheet
988Kb / 20P
Low Cost Multi-Chemistry Battery Charger Controller
logo
Intersil Corporation
ISL6251A INTERSIL-ISL6251A Datasheet
461Kb / 20P
Low Cost Multi-Chemistry Battery Charger Controller
May 10, 2006
ISL6251AHAZ INTERSIL-ISL6251AHAZ Datasheet
461Kb / 20P
Low Cost Multi-Chemistry Battery Charger Controller
May 10, 2006
logo
Renesas Technology Corp
ISL6251AHAZ RENESAS-ISL6251AHAZ Datasheet
988Kb / 20P
Low Cost Multi-Chemistry Battery Charger Controller
More results


Similar Description - ISL6251

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6251 INTERSIL-ISL6251_06 Datasheet
461Kb / 20P
Low Cost Multi-Chemistry Battery Charger Controller
May 10, 2006
logo
Texas Instruments
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
Host-controlled Multi-chemistry Battery Charger
logo
Linear Technology
LTC4009 LINER-LTC4009_15 Datasheet
361Kb / 28P
High Efficiency, Multi-Chemistry Battery Charger
LTC4009-1 LINER-LTC4009-1_15 Datasheet
361Kb / 28P
High Efficiency, Multi-Chemistry Battery Charger
LTC4009-2 LINER-LTC4009-2_15 Datasheet
361Kb / 28P
High Efficiency, Multi-Chemistry Battery Charger
logo
Texas Instruments
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
Host-Controlled Multi-Chemistry Battery Charger
logo
Renesas Technology Corp
ISL6251 RENESAS-ISL6251 Datasheet
988Kb / 20P
Low Cost Multi-Chemistry Battery Charger Controller
logo
Shanghai Consonance Ele...
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
Multi-Chemistry Battery Charger
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
Multi-Chemistry Battery Charger
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com