Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6295 Datasheet (PDF) - Intersil Corporation

ISL6295 Datasheet PDF - Intersil Corporation
Part # ISL6295
Download  ISL6295 Download
File Size   387.97 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Voltage Fuel Gauge

ISL6295 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6295 Datasheet PDF - Intersil Corporation

Part # ISL6295
Download  ISL6295 Click to download

File Size   387.97 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Voltage Fuel Gauge

ISL6295 Datasheet (HTML) - Intersil Corporation


ISL6295 Product details

Low Voltage Fuel Gauge



The ISL6295 is a cost-effective, highly accurate IC that measures, stores, and reports all of the critical parameters required for rechargeable battery monitoring with a minimum of external components. It precisely measures charge/discharge current as well as voltage and temperature of a battery pack. In addition, the ISL6295 accurately accumulates both charge and discharge current as independent parameters. Temperature history can also be maintained for calculating self-discharge effects.



Features

• Measures, maintains, and reports all critical rechargeable battery parameters with high accuracy

• Supports Lithium Ion and Lithium Polymer battery packs

• Current measurement with 16-bit (15-bit plus sign) integrating A/D accurate to less than ±0.5% error

• Calibrated temperature measurement accurate to within ±3°C absolute using on-chip temp sensor or external thermistor

• Accumulation of charge current, discharge current, temperature, and voltage in independent 32-bit registers

• 256-byte nonvolatile EEPROM stores factory programmed, measured, and user-defined parameters

• In-system offset calibration compensates for offset error in current measurement

• Industry standard SMBus/I2C™ compatible 2-wire communications interface

  - SMBus V1.1 with PEC/CRC-8 communication

• -20°C to +85°C operating temperature range

• NTC pin can be configured as a thermistor input or GPIO

• GPAD pin can be configured as an independent A/D input or GPIO

• Flexible power operating modes allow low-power monitoring of battery conditions during system full operating and standby conditions:

  - Run: Continuous Conversion; 85µA typ.

  - Sample: Sample interval from 0.5-64s @ 45µA typ.

  - Sample-Sleep: Sample interval from 0.5-138s min. @20µA typ.

• Shelf-Sleep mode reduces power consumption to pack storage conditions to 300nA typ., with automatic wake-up upon pack insertion.



Applications

• Notebook PC, PDAs, Hand Held Devices



 




Similar Part No. - ISL6295

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6295 INTERSIL-ISL6295 Datasheet
286Kb / 25P
Low Voltage Fuel Gauge
logo
Renesas Technology Corp
ISL6295 RENESAS-ISL6295 Datasheet
965Kb / 25P
Low Voltage Fuel Gauge
logo
Intersil Corporation
ISL6295CV INTERSIL-ISL6295CV Datasheet
286Kb / 25P
Low Voltage Fuel Gauge
logo
Renesas Technology Corp
ISL6295CV RENESAS-ISL6295CV Datasheet
965Kb / 25P
Low Voltage Fuel Gauge
logo
Intersil Corporation
ISL6295CV-T INTERSIL-ISL6295CV-T Datasheet
286Kb / 25P
Low Voltage Fuel Gauge
More results


Similar Description - ISL6295

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2780 MAXIM-DS2780_09 Datasheet
492Kb / 31P
Standalone Fuel Gauge IC
5/09
MAX17047 MAXIM-MAX17047 Datasheet
3Mb / 47P
ModelGauge m3 Fuel Gauge
Rev 2; 4/12
logo
Intersil Corporation
ISL6295CVZ INTERSIL-ISL6295CVZ Datasheet
286Kb / 25P
Low Voltage Fuel Gauge
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F Datasheet
911Kb / 23P
Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
logo
Texas Instruments
BQ27520-G1 TI1-BQ27520-G1_15 Datasheet
1,022Kb / 49P
Fuel Gauge With Integrated LDO
BQ34Z100-G1 TI1-BQ34Z100-G1 Datasheet
1Mb / 65P
Wide Range Fuel Gauge
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F_16 Datasheet
1Mb / 22P
Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
logo
Renesas Technology Corp
ISL6295 RENESAS-ISL6295 Datasheet
965Kb / 25P
Low Voltage Fuel Gauge
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
Multichemistry Battery Fuel Gauge
2007
logo
Silicon Mitus, Inc.
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com