Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6308 Datasheet (PDF) - Intersil Corporation

ISL6308 Datasheet PDF - Intersil Corporation
Part # ISL6308
Download  ISL6308 Download
File Size   765.48 Kbytes
Page   27 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers

ISL6308 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6308 Datasheet PDF - Intersil Corporation

Part # ISL6308
Download  ISL6308 Click to download

File Size   765.48 Kbytes
Page   27 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers

ISL6308 Datasheet (HTML) - Intersil Corporation


ISL6308 Product details

Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers

The ISL6308 is a three-phase PWM control IC with integrated MOSFET drivers. It provides a precision voltage regulation system for multiple applications including, but not limited to, high current low voltage point-of-load converters, embedded applications and other general purpose low voltage medium to high current applications.The integration of power MOSFET drivers into the controller IC marks a departure from the separate PWM controller and driver configuration of previous multi-phase product families. By reducing the number of external parts, this integration allows for a cost and space saving power management solution.

Features
• Integrated Multi-Phase Power Conversion
    - 1, 2, or 3 Phase Operation
• Precision Output Voltage Regulation
    - Differential Remote Voltage Sensing
    - ±0.8% System Accuracy Over Temperature
    (for REF=0.6V and 0.9V)
    - ±0.5% System Accuracy Over Temperature
    (for REF=1.2V and 1.5V)
    - Usable for output voltages not exceeding 2.3V
    - Adjustable Reference-Voltage Offset
• Precision Channel Current Sharing
    - Uses Loss-Less rDS(ON) Current Sampling
• Optional Load Line (Droop) Programming
    - Uses Loss-Less Inductor DCR Current Sampling
• Variable Gate-Drive Bias - 5V to 12V
• Internal or External Reference Voltage Setting
    - On-Chip Adjustable Fixed DAC Reference voltage with
    2-bit Logic Input Selects from Four Fixed Reference
    Voltages (0.6V, 0.9V, 1.2V, 1.5V)
    - Reference can be Changed Dynamically
    - Can use an External Voltage Reference
• Overcurrent Protection
• Multi-tiered Overvoltage Protection
    - OVP Pin to Drive Optional Crowbar Device
• Selectable Operation Frequency up to 1.5MHz per phase
• Digital Soft-Start
• Capable of Start-up in a Pre-Biased Load
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• High Current DDR/Chipset core voltage regulators
• High Current, Low voltage DC/DC converters
• High Current, Low voltage FPGA/ASIC DC/DC converters




Similar Part No. - ISL6308

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6308 RENESAS-ISL6308 Datasheet
1Mb / 28P
Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6308A INTERSIL-ISL6308A Datasheet
660Kb / 28P
Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
September 9, 2008
logo
Renesas Technology Corp
ISL6308A RENESAS-ISL6308A Datasheet
1Mb / 28P
Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6308ACRZ INTERSIL-ISL6308ACRZ Datasheet
660Kb / 28P
Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
September 9, 2008
logo
Renesas Technology Corp
ISL6308ACRZ RENESAS-ISL6308ACRZ Datasheet
1Mb / 28P
Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
More results


Similar Description - ISL6308

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8102 INTERSIL-ISL8102 Datasheet
711Kb / 27P
Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
October 19, 2005
ISL6310 INTERSIL-ISL6310_06 Datasheet
639Kb / 27P
Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
December 12, 2006
ISL8103 INTERSIL-ISL8103 Datasheet
770Kb / 27P
Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
February 15, 2006
ISL6308A INTERSIL-ISL6308A Datasheet
660Kb / 28P
Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
September 9, 2008
ISL6310 INTERSIL-ISL6310 Datasheet
593Kb / 27P
Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
August 7, 2008
logo
Renesas Technology Corp
ISL8102 RENESAS-ISL8102 Datasheet
1Mb / 27P
Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL8103 RENESAS-ISL8103 Datasheet
1Mb / 28P
Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL6308 RENESAS-ISL6308 Datasheet
1Mb / 28P
Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL6308A RENESAS-ISL6308A Datasheet
1Mb / 28P
Three-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
ISL6310 RENESAS-ISL6310 Datasheet
1Mb / 27P
Two-Phase Buck PWM Controller with High Current Integrated MOSFET Drivers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com