Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6440A Datasheet (PDF) - Intersil Corporation

ISL6440A Datasheet PDF - Intersil Corporation
Part # ISL6440A
Download  ISL6440A Download
File Size   749.87 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Advanced PWM and Triple Linear Power Controller for Gateway Applications

ISL6440A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6440A Datasheet PDF - Intersil Corporation

Part # ISL6440A
Download  ISL6440A Click to download

File Size   749.87 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Advanced PWM and Triple Linear Power Controller for Gateway Applications

ISL6440A Datasheet (HTML) - Intersil Corporation


ISL6440A Product details

Advanced PWM and Triple Linear Power Controller for Gateway Applications

The ISL6440A provides the power control and protection for four output voltages required by microprocessors used in high-performance, graphics-intensive gateway applications. The IC integrates a voltage-mode PWM controller and three linear controllers, as well as the monitoring and protection functions into a 28 lead SOIC package.

Features
• Provides four regulated voltages
    - Microprocessor core, AGP bus, memory, and GTL bus power
• Drives N-Channel MOSFETs
• Linear regulator drives compatible with both MOSFET and bipolar series pass transistors
• Fixed or externally resistor-adjustable linear outputs
• Simple single-loop control design
    - Voltage-mode PWM control
• Fast PWM converter transient response
    - High-bandwidth error amplifier
    - Full 0–100% duty ratio
• Excellent output voltage regulation
    - Core PWM output: ±1% over temperature
    - Other outputs: ±3% over temperature
• TTL-compatible 5-bit DAC core output voltage selection
    - Shutdown feature removed when all inputs high
    - Wide range 1.3VDC to 3.5VDC
• Power-good output voltage monitor
• Overvoltage and overcurrent fault monitors
    - Switching regulator does not require extra current Sensing element, uses upper MOSFET’s rDS(ON)
• Small converter size
    - Constant frequency operation
    - 200kHz free-running oscillator; programmable from 50kHz to over 1MHz
    - Small external component count

Applications
• Power regulation for gateway processors




Similar Part No. - ISL6440A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6440 INTERSIL-ISL6440 Datasheet
346Kb / 15P
300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller
October 4, 2005
logo
Renesas Technology Corp
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
logo
Intersil Corporation
ISL6440IA INTERSIL-ISL6440IA Datasheet
346Kb / 15P
300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller
October 4, 2005
logo
Renesas Technology Corp
ISL6440IA RENESAS-ISL6440IA Datasheet
692Kb / 15P
300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
logo
Intersil Corporation
ISL6440IA-T INTERSIL-ISL6440IA-T Datasheet
346Kb / 15P
300kHz Dual, 180 Degree Out-of-Phase, Step-Down PWM Controller
October 4, 2005
More results


Similar Description - ISL6440A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021 Datasheet
136Kb / 15P
Advanced PWM and Triple Linear Power Controller
February 1999
HIP6021A INTERSIL-HIP6021A Datasheet
186Kb / 16P
Advanced PWM and Triple Linear Power Controller
November 1999
ISL6432 INTERSIL-ISL6432 Datasheet
276Kb / 12P
PWM and Triple Linear Power Controller for Home Gateway Applications
June 2001
IPM6220A INTERSIL-IPM6220A Datasheet
527Kb / 15P
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
August 2004
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
Advanced PWM and Triple Linear Power Controller
March 8, 2005
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
Advanced PWM and Triple Linear Power Controller
December 2001
logo
Renesas Technology Corp
HIP6021 RENESAS-HIP6021 Datasheet
741Kb / 15P
Advanced PWM and Triple Linear Power Controller
IPM6220A RENESAS-IPM6220A Datasheet
749Kb / 14P
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
ISL6432 RENESAS-ISL6432 Datasheet
685Kb / 12P
PWM and Triple Linear Power Controller for Home Gateway Applications
IPM6220 RENESAS-IPM6220 Datasheet
819Kb / 14P
Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
Dec 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com