Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6521 Datasheet (PDF) - Intersil Corporation

ISL6521 Datasheet PDF - Intersil Corporation
Part # ISL6521
Download  ISL6521 Download
File Size   639.22 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description PWM Buck DC-DC and Triple Linear Power Controller

ISL6521 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6521 Datasheet PDF - Intersil Corporation

Part # ISL6521
Download  ISL6521 Click to download

File Size   639.22 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description PWM Buck DC-DC and Triple Linear Power Controller

ISL6521 Datasheet (HTML) - Intersil Corporation


ISL6521 Product details

PWM Buck DC-DC and Triple Linear Power Controller

The ISL6521 provides the power control and protection for four output voltages in low-voltage, high-performance applications. The IC integrates a voltage-mode PWM controller and three linear controllers, as well as monitoring and protection functions into a 16-lead SOIC package.

Features
• Provides 4 Regulated Voltages
    - Switching Regulator 20A Capable
    - Three Linear Regulators
    - Capable of 120mA
    - Capable of up to 3A with an External Transistor
• Externally Resistor-Adjustable Outputs
• Simple Single-Loop Control Design
    - Voltage-Mode PWM Control
• Fast PWM Converter Transient Response
    - High-Bandwidth Error Amplifier
    - Full 0% to 100% Duty Ratio
• Excellent Output Voltage Regulation
    - All Outputs: ±2% Over Temperature
• Overcurrent Fault Monitors
    - Switching Regulator Does Not Require Extra Current
        Sensing Element, Uses MOSFET’s rDS(ON)
• Small Converter Size
    - 300kHz Constant Frequency Operation
    - Small External Component Count
• Commercial and Industrial Temperature Range Support
• Pb-free Available (RoHS Compliant)

Applications
• FPGA and PowerPC™-based boards
• General purpose, low voltage power supplies




Similar Part No. - ISL6521

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6521 RENESAS-ISL6521 Datasheet
748Kb / 14P
PWM Buck DC-DC and Triple Linear Power Controller
ISL6521CBZ RENESAS-ISL6521CBZ Datasheet
748Kb / 14P
PWM Buck DC-DC and Triple Linear Power Controller
ISL6521CBZ-T RENESAS-ISL6521CBZ-T Datasheet
748Kb / 14P
PWM Buck DC-DC and Triple Linear Power Controller
ISL6521EVAL1 RENESAS-ISL6521EVAL1 Datasheet
748Kb / 14P
PWM Buck DC-DC and Triple Linear Power Controller
ISL6521IBZ RENESAS-ISL6521IBZ Datasheet
748Kb / 14P
PWM Buck DC-DC and Triple Linear Power Controller
More results


Similar Description - ISL6521

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP2006 ANACHIP-AP2006 Datasheet
182Kb / 7P
200KHz, PWM Buck DC/DC & Linear Controller
Rev.1.1 Nov 17, 2004
logo
Richtek Technology Corp...
RT9204 RICHTEK-RT9204 Datasheet
282Kb / 14P
Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Renesas Technology Corp
ISL6521 RENESAS-ISL6521 Datasheet
748Kb / 14P
PWM Buck DC-DC and Triple Linear Power Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com