Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4003 Datasheet (PDF) - Intersil Corporation

X4003 Datasheet PDF - Intersil Corporation
Part # X4003
Download  X4003 Download
File Size   266.49 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CPU Supervisor

X4003 Datasheet (PDF)

Go To PDF Page Download Datasheet
X4003 Datasheet PDF - Intersil Corporation

Part # X4003
Download  X4003 Click to download

File Size   266.49 Kbytes
Page   17 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CPU Supervisor

X4003 Datasheet (HTML) - Intersil Corporation


X4003 Product details

DESCRIPTION

These devices combine three popular functions, Power-on Reset Control, Watchdog Timer, and Supply Voltage Supervision. This combination lowers system cost, reduces board space requirements, and increases reliability.



FEATURES

• Selectable watchdog timer

   —Select 200ms, 600ms, 1.4s, off

• Low VCC detection and reset assertion

   —Five standard reset threshold voltages nominal 4.62V, 4.38V, 2.92V, 2.68V, 1.75V

   —Adjust low VCC reset threshold voltage using special programming sequence

   —Reset signal valid to VCC = 1V

• Low power CMOS

   —12µA typical standby current, watchdog on

   —800nA typical standby current watchdog off

   —3mA active current

• 400kHz I2C interface

• 1.8V to 5.5V power supply operation

• Available packages

   —8 Ld SOIC

   —8 Ld MSOP

• Pb-free plus anneal available (RoHS compliant)



 




Similar Part No. - X4003

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X4003 XICOR-X4003 Datasheet
378Kb / 18P
CPU Supervisor
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
CPU Supervisor
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
332Kb / 16P
CPU Supervisor
June 30, 2008
X4003 INTERSIL-X4003 Datasheet
332Kb / 16P
CPU Supervisor
June 30, 2008
X4003-05 INTERSIL-X4003-05 Datasheet
332Kb / 16P
CPU Supervisor
June 30, 2008
More results


Similar Description - X4003

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4847 TI-BQ4847 Datasheet
224Kb / 5P
RTC Module With CPU Supervisor
logo
Xicor Inc.
X4003 XICOR-X4003 Datasheet
378Kb / 18P
CPU Supervisor
X5001 XICOR-X5001 Datasheet
100Kb / 19P
CPU Supervisor
logo
Intersil Corporation
X5001 INTERSIL-X5001 Datasheet
275Kb / 18P
CPU Supervisor
April 6, 2005
X4003 INTERSIL-X4003_06 Datasheet
276Kb / 18P
CPU Supervisor
May 11, 2006
X5001 INTERSIL-X5001_06 Datasheet
305Kb / 20P
CPU Supervisor
May 30, 2006
X4005S8IZ-27 INTERSIL-X4005S8IZ-27 Datasheet
332Kb / 16P
CPU Supervisor
June 30, 2008
X4003-05 INTERSIL-X4003-05 Datasheet
332Kb / 16P
CPU Supervisor
June 30, 2008
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
CPU Supervisor
X5001 RENESAS-X5001 Datasheet
789Kb / 20P
CPU Supervisor
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com