Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMH20T1G Datasheet (PDF) - ON Semiconductor

IMH20T1G Datasheet PDF - ON Semiconductor
Part # IMH20T1G
Download  IMH20T1G Download
File Size   23.79 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Bias Resistor Transistor

IMH20T1G Datasheet (PDF)

Go To PDF Page Download Datasheet
IMH20T1G Datasheet PDF - ON Semiconductor

Part # IMH20T1G
Download  IMH20T1G Click to download

File Size   23.79 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Bias Resistor Transistor

IMH20T1G Datasheet (HTML) - ON Semiconductor


IMH20T1G Product details

Dual Bias Resistor Transistor
NPN Surface Mount

• Low VCC (sat) 80 mV max at IC/IB = 50 mA/2.5 mA
• High Current: IC = 600 mA max
• Lead Free Plating




Similar Part No. - IMH20T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
IMH20TR1G ONSEMI-IMH20TR1G Datasheet
30Kb / 2P
Dual Bias Resistor Transistor
January, 2004 ??Rev. 0
More results


Similar Description - IMH20T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
IMH20TR1G ONSEMI-IMH20TR1G Datasheet
30Kb / 2P
Dual Bias Resistor Transistor
January, 2004 ??Rev. 0
logo
Leshan Radio Company
LMBT3906DW1T1 LRC-LMBT3906DW1T1 Datasheet
188Kb / 6P
Dual Bias Resistor Transistor
logo
ON Semiconductor
NSB1706DMW5T1 ONSEMI-NSB1706DMW5T1 Datasheet
49Kb / 3P
Dual Bias Resistor Transistor
May, 2006 ??Rev. 3
logo
Leshan Radio Company
LMBT3906DW1T1G LRC-LMBT3906DW1T1G Datasheet
423Kb / 8P
Dual Bias Resistor Transistor
logo
ON Semiconductor
NSB1706DMW5T1G ONSEMI-NSB1706DMW5T1G_09 Datasheet
123Kb / 3P
Dual Bias Resistor Transistor
October, 2009 ??Rev. 4
logo
Weitron Technology
MUN5111DW WEITRON-MUN5111DW_09 Datasheet
379Kb / 12P
Dual Bias Resistor Transistor
logo
ON Semiconductor
IMD10AMT1G ONSEMI-IMD10AMT1G Datasheet
97Kb / 5P
Dual Bias Resistor Transistor
April, 2012 ??Rev. 0
logo
WILLAS ELECTRONIC CORP
MMBT3906DW1T1 WILLAS-MMBT3906DW1T1 Datasheet
349Kb / 6P
Dual Bias Resistor Transistor
logo
ON Semiconductor
IMD10AMT1G ONSEMI-IMD10AMT1G_14 Datasheet
62Kb / 5P
Dual Bias Resistor Transistor
May, 2014 ??Rev. 1
IMD10AMT1G ONSEMI-IMD10AMT1G_V01 Datasheet
63Kb / 5P
Dual Bias Resistor Transistor
May, 2017 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com