Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9221A Datasheet (PDF) - Intersil Corporation

X9221A Datasheet PDF - Intersil Corporation
Part # X9221A
Download  X9221A Download
File Size   259.63 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 64 Taps, 2-Wire Serial Bus

X9221A Datasheet (PDF)

Go To PDF Page Download Datasheet
X9221A Datasheet PDF - Intersil Corporation

Part # X9221A
Download  X9221A Click to download

File Size   259.63 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 64 Taps, 2-Wire Serial Bus

X9221A Datasheet (HTML) - Intersil Corporation


X9221A Product details

DESCRIPTION
The X9221A integrates two digitally controlled potentiometers (XDCP) on a monolithic CMOS integrated microcircuit.
The digitally controlled potentiometer is implemented using 63 resistive elements in a series array. Between each element are tap points connected to the wiper terminal through switches. The position of the wiper on the array is controlled by the user through the 2-wire bus interface. Each potentiometer has associated with it a volatile Wiper Counter Register (WCR) and 2 nonvolatile Data Registers (DR0:DR1) that can be directly written to and read by the user. The contents of the WCR controls the position of the wiper on the resistor array through the switches. Power up recalls the contents of DR0 to the WCR.
The XDCP can be used as a three-terminal potentiometer or as a two-terminal variable resistor in a wide variety of applications including control, parameter adjustments, and signal processing.

FEATURES
• Two XDCPs in one package
• 2-wire serial interface
• Register oriented format, 8 registers total
   —Directly write wiper position
   —Read wiper position
   —Store as many as four positions per pot
• Instruction format
   —Quick transfer of register contents to resistor
      array
• Direct write cell
   —Endurance–100,000 writes per bit per register
• Resistor array values
   —2kΩ, 10kΩ, 50kΩ
• Resolution: 64 taps each pot
• 20 Ld plastic DIP and 20-lead SOIC packages
• Pb-free plus anneal available (RoHS compliant)




Similar Part No. - X9221A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9221A RENESAS-X9221A Datasheet
638Kb / 15P
64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
292Kb / 15P
Dual Digitally Controlled Potentiometer
August 30, 2006
X9221AUP INTERSIL-X9221AUP Datasheet
262Kb / 15P
Dual Digitally Controlled Potentiometer
August 30, 2006
X9221AUP INTERSIL-X9221AUP Datasheet
292Kb / 15P
Dual Digitally Controlled Potentiometer
August 30, 2006
More results


Similar Description - X9221A

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5241 CATALYST-CAT5241 Datasheet
111Kb / 16P
Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
CAT5409 CATALYST-CAT5409 Datasheet
95Kb / 17P
Quad Digitally Programmable Potentiometers (DPPTM) with 64 Taps and 2-wire Interface
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
CAT5419 CATALYST-CAT5419 Datasheet
95Kb / 18P
Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
logo
Intersil Corporation
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
Low Powr/2-Wire Serial Bus
September 15, 2005
X9258 INTERSIL-X9258 Datasheet
348Kb / 20P
Low Noise/Low Power/2-Wire Bus/256 Taps
May 6, 2005
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
logo
Intersil Corporation
X9258 INTERSIL-X9258_13 Datasheet
491Kb / 19P
Low Noise/Low Power/2-Wire Bus/256 Taps
December 15, 2011
X9241AMPZ INTERSIL-X9241AMPZ Datasheet
362Kb / 17P
Non-Volatile/Low Power/2-Wire/64 Taps
August 17, 2015
logo
Renesas Technology Corp
X9221A RENESAS-X9221A Datasheet
638Kb / 15P
64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com