Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X5329PIZ Datasheet (PDF) - Intersil Corporation

X5329PIZ Datasheet PDF - Intersil Corporation
Part # X5329PIZ
Download  X5329PIZ Download
File Size   340.91 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CPU Supervisor with 32Kbit SPI EEPROM

X5329PIZ Datasheet (PDF)

Go To PDF Page Download Datasheet
X5329PIZ Datasheet PDF - Intersil Corporation

Part # X5329PIZ
Download  X5329PIZ Click to download

File Size   340.91 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CPU Supervisor with 32Kbit SPI EEPROM

X5329PIZ Datasheet (HTML) - Intersil Corporation


X5329PIZ Product details

DESCRIPTION
These devices combine three popular functions, Power on Reset Control, Supply Voltage Supervision, and Block Lock Protect Serial EEPROM Memory in one package. This combination lowers system cost, reduces board space requirements, and increases reliability.

FEATURES
• Low VCC detection and reset assertion
   —Five standard reset threshold voltages
   —Re-program low VCC reset threshold voltage
      using special programming sequence
   —Reset signal valid to VCC = 1V
• Long battery life with low power consumption
   —<1µA max standby current
   —<400µA max active current during read
• 32Kbits of EEPROM
• Built-in inadvertent write protection
   —Power-up/power-down protection circuitry
   —Protect 0, 1/4, 1/2 or all of EEPROM array with
      Block Lock™ protection
   —In circuit programmable ROM mode
• 2MHz SPI interface modes (0,0 & 1,1)
• Minimize EEPROM programming time
   —32-byte page write mode
   —Self-timed write cycle
   —5ms write cycle time (typical)
• 2.7V to 5.5V and 4.5V to 5.5V power supply operation
• Available packages
   —14 Ld TSSOP, 8 Ld SOIC, 8 Ld PDIP
• Pb-free plus anneal available (RoHS compliant)




Similar Part No. - X5329PIZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X5329 RENESAS-X5329 Datasheet
753Kb / 19P
CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
X5329S8IZ RENESAS-X5329S8IZ Datasheet
753Kb / 19P
CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
X5329S8IZ-2.7T1 RENESAS-X5329S8IZ-2.7T1 Datasheet
753Kb / 19P
CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
X5329S8IZ-4.5A RENESAS-X5329S8IZ-4.5A Datasheet
753Kb / 19P
CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
X5329S8IZT1 RENESAS-X5329S8IZT1 Datasheet
753Kb / 19P
CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
More results


Similar Description - X5329PIZ

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X5083 XICOR-X5083 Datasheet
115Kb / 21P
CPU Supervisor with 8Kbit SPI EEPROM
logo
Intersil Corporation
X5083 INTERSIL-X5083 Datasheet
348Kb / 20P
CPU Supervisor with 9Kbit SPI EEPROM
September 16, 2005
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
CPU Supervisor with 16Kbit SPI EEPROM
September 16, 2005
X5648 INTERSIL-X5648 Datasheet
300Kb / 18P
CPU Supervisor with 64Kbit SPI EEPROM
March 17, 2005
X5083 INTERSIL-X5083_06 Datasheet
320Kb / 21P
CPU Supervisor with 8Kbit SPI EEPROM
June 15, 2006
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
CPU Supervisor with 16Kbit SPI EEPROM
X5323S8IZT1 INTERSIL-X5323S8IZT1 Datasheet
347Kb / 20P
CPU Supervisor with 32kBit SPI EEPROM
June 30, 2008
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
logo
Renesas Technology Corp
X5323 RENESAS-X5323 Datasheet
802Kb / 19P
CPU Supervisor with 32kBit SPI EEPROM
X5328 RENESAS-X5328 Datasheet
753Kb / 19P
CPU Supervisor with 32Kbit SPI EEPROM
Nov 11, 2021
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com