Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9315 Datasheet (PDF) - Intersil Corporation

X9315 Datasheet PDF - Intersil Corporation
Part # X9315
Download  X9315 Download
File Size   338.82 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Noise, Low Power, 32 Taps

X9315 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9315 Datasheet PDF - Intersil Corporation

Part # X9315
Download  X9315 Click to download

File Size   338.82 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Low Noise, Low Power, 32 Taps

X9315 Datasheet (HTML) - Intersil Corporation


X9315 Product details

Digitally Controlled Potentiometer (XDCP™)



The Intersil X9315 is a digitally controlled potentiometer (XDCP). The device consists of a resistor array, wiper

switches, a control section, and nonvolatile memory. The wiper position is controlled by a 3-wire interface.



• Control

• Parameter Adjustments

• Signal Processing



Features

• Solid-state potentiometer

• 3-wire serial interface

• 32 wiper tap points

  - Wiper position stored in nonvolatile memory and recalled on power-up

• 31 resistive elements

  - Temperature compensated

  - End to end resistance range ± 20%

  - Terminal voltage, 0 to VCC

• Low power CMOS

  - VCC = 2.7V or 5V

  - Active current, 80/400µA max.

  - Standby current, 5µA max.

• High reliability

  - Endurance, 100,000 data changes per bit

  - Register data retention, 100 years

•RTOTALvalues = 10kΩ, 50kΩ, 100kΩ

• Packages

  - 8 Ld SOIC, MSOP and PDIP

• Pb-free available (RoHS compliant)




Similar Part No. - X9315

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9315 XICOR-X9315 Datasheet
73Kb / 13P
E 2 POT TM Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9315 INTERSIL-X9315 Datasheet
347Kb / 16P
Digitally Controlled Potentiometer (XDCP??
X9315 INTERSIL-X9315 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9315 RENESAS-X9315 Datasheet
715Kb / 16P
Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9315 INTERSIL-X9315 Datasheet
344Kb / 16P
Digitally Controlled Potentiometer
December 21, 2009
More results


Similar Description - X9315

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9317 INTERSIL-X9317 Datasheet
333Kb / 15P
Low Noise, Low Power, 100 Taps
September 9, 2005
ISL22346WMVEP INTERSIL-ISL22346WMVEP Datasheet
99Kb / 3P
Low Noise, Low Power I2C짰 Bus, 128 Taps
December 17, 2007
ISL22326WMVEP INTERSIL-ISL22326WMVEP Datasheet
101Kb / 3P
Low Noise, Low Power, I2C짰 Bus, 128 Taps
December 17, 2007
ISL23511 INTERSIL-ISL23511 Datasheet
389Kb / 11P
Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
December 3, 2007
ISL22426 INTERSIL-ISL22426 Datasheet
627Kb / 15P
Low Noise, Low Power, SPI Bus, 128 Taps
September 8, 2009
X93156WM8IZ-2.7T1 INTERSIL-X93156WM8IZ-2.7T1 Datasheet
190Kb / 7P
Low Noise, Low Power, 3 wire Up/Down, 32 Taps
November 21, 2007
ISL22511WFB8Z INTERSIL-ISL22511WFB8Z Datasheet
485Kb / 13P
Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
ISL23511WFB8Z INTERSIL-ISL23511WFB8Z Datasheet
490Kb / 11P
Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
September 9, 2015
logo
Renesas Technology Corp
X9315 RENESAS-X9315 Datasheet
715Kb / 16P
Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
X93154 RENESAS-X93154 Datasheet
433Kb / 8P
Low Noise, Low Power, 32 Taps Digitally Controlled Potentiometer (XDCP??
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com