Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9522 Datasheet (PDF) - Intersil Corporation

X9522 Datasheet PDF - Intersil Corporation
Part # X9522
Download  X9522 Download
File Size   486.88 Kbytes
Page   29 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Laser Diode Control for Fiber Optic Modules

X9522 Datasheet (PDF)

Go To PDF Page Download Datasheet
X9522 Datasheet PDF - Intersil Corporation

Part # X9522
Download  X9522 Click to download

File Size   486.88 Kbytes
Page   29 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Laser Diode Control for Fiber Optic Modules

X9522 Datasheet (HTML) - Intersil Corporation


X9522 Product details

DESCRIPTION
The X9522 combines three Digitally Controlled Potentiometers (DCPs), and two programmable voltage monitor inputs with software and hardware indicators. All functions of the X9522 are accessed by an industry standard 2-Wire serial interface.
Two of the DCPs of the X9522 may be utilized to control the bias and modulation currents of the laser diode in a Fiber Optic module. The third DCP may be used to set other various reference quantities, or as a coarse trim for one of the other two DCPs.The programmable voltage monitors may be used for monitoring various module alarm levels.
The features of the X9522 are ideally suited to simplifying the design of fiber optic modules. The integration of these functions into one package significantly reduces board area, cost and increases reliability of laser diode modules.

FEATURES
• Three Digitally Controlled Potentiometers (DCPs)
   —64 Tap - 10kΩ
   —100 Tap - 10kΩ
   —256 Tap - 100kΩ
   —Nonvolatile
   —Write Protect Function
• 2-Wire industry standard Serial Interface
• Dual Voltage Monitors
   —Programmable Threshold Voltages
• Single Supply Operation
   —2.7V to 5.5V
• Hot Pluggable
• 20 Pin package
   —TSSOP




Similar Part No. - X9522

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9522 INTERSIL-X9522 Datasheet
375Kb / 27P
Triple DCP, Dual Voltage Monitors
January 3, 2006
logo
Renesas Technology Corp
X9522 RENESAS-X9522 Datasheet
1Mb / 29P
Laser Diode Control for Fiber Optic Modules Triple DCP, Dual Voltage Monitors
logo
Intersil Corporation
X9522V20I-A INTERSIL-X9522V20I-A Datasheet
375Kb / 27P
Triple DCP, Dual Voltage Monitors
January 3, 2006
logo
Renesas Technology Corp
X9522V20I-A RENESAS-X9522V20I-A Datasheet
1Mb / 29P
Laser Diode Control for Fiber Optic Modules Triple DCP, Dual Voltage Monitors
logo
Intersil Corporation
X9522V20I-B INTERSIL-X9522V20I-B Datasheet
375Kb / 27P
Triple DCP, Dual Voltage Monitors
January 3, 2006
More results


Similar Description - X9522

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9521 INTERSIL-X9521 Datasheet
415Kb / 25P
Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
August 25, 2005
X9523 INTERSIL-X9523 Datasheet
509Kb / 30P
Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9525 INTERSIL-X9525 Datasheet
578Kb / 26P
Fiber Channel/Gigabit Etherner Laser Diode Control for Fiber Optic Modules
March 10, 2005
X9523 INTERSIL-X9523_06 Datasheet
401Kb / 28P
Laser Diode Control for Fiber Optic Modules
logo
California Eastern Labs
NX7304BG CEL-NX7304BG Datasheet
96Kb / 4P
LASER DIODE IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATIONS
logo
Renesas Technology Corp
X9520 RENESAS-X9520 Datasheet
1Mb / 29P
Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9521 RENESAS-X9521 Datasheet
935Kb / 24P
Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
X9522 RENESAS-X9522 Datasheet
1Mb / 29P
Laser Diode Control for Fiber Optic Modules Triple DCP, Dual Voltage Monitors
X9523 RENESAS-X9523 Datasheet
1Mb / 29P
Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
X9525 RENESAS-X9525 Datasheet
1,013Kb / 26P
Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com