Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X40010 Datasheet (PDF) - Intersil Corporation

X40010 Datasheet PDF - Intersil Corporation
Part # X40010
Download  X40010 Download
File Size   372.08 Kbytes
Page   24 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Voltage Monitor with Intergrated CPU Supervisor

X40010 Datasheet (PDF)

Go To PDF Page Download Datasheet
X40010 Datasheet PDF - Intersil Corporation

Part # X40010
Download  X40010 Click to download

File Size   372.08 Kbytes
Page   24 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual Voltage Monitor with Intergrated CPU Supervisor

X40010 Datasheet (HTML) - Intersil Corporation


X40010 Product details

DESCRIPTION

The X40010/11/14/15 combines power-on reset control, watchdog timer, supply voltage supervision, and secondary voltage supervision, in one package. This combination lowers system cost, reduces board space requirements, and increases reliability.



FEATURES

• Dual voltage detection and reset assertion

   —Standard reset threshold settings See Selection table on page 2.

   —Adjust low voltage reset threshold voltages using special programming sequence

   —Reset signal valid to VCC = 1V

   —Monitor three voltages or detect power fail

• Independent Core Voltage Monitor (V2MON)

• Fault detection register

• Selectable power on reset timeout (0.05s, 0.2s, 0.4s, 0.8s)

• Selectable watchdog timer interval (25ms, 200ms,1.4s, off)

• Low power CMOS

   —25µA typical standby current, watchdog on

   —6µA typical standby current, watchdog off

• 400kHz 2-wire interface

• 2.7V to 5.5V power supply operation

• Available packages

   —8-lead SOIC, TSSOP

• Monitor Voltages: 5V to 0.9V

• Independent Core Voltage Monitor



APPLICATIONS

• Communication Equipment

   —Routers, Hubs, Switches

   —Disk Arrays, Network Storage

• Industrial Systems

   —Process Control

   —Intelligent Instrumentation

• Computer Systems

   —Computers

   —Network Servers



 




Similar Part No. - X40010

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010S8-A XICOR-X40010S8-A Datasheet
124Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40010S8-A RENESAS-X40010S8-A Datasheet
933Kb / 24P
Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Xicor Inc.
X40010S8-B XICOR-X40010S8-B Datasheet
124Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor
More results


Similar Description - X40010

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40010 XICOR-X40010 Datasheet
124Kb / 25P
Dual Voltage Monitor with Integrated CPU Supervisor
logo
Intersil Corporation
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
March 28, 2005
X40030 INTERSIL-X40030 Datasheet
322Kb / 21P
Triple Voltage Monitor with Intergrated CPU Supervisor
April 28, 2005
X40410 INTERSIL-X40410 Datasheet
363Kb / 24P
Dual Voltage Monitor with Intergrated CPU Supervisor
March 28, 2005
X40430 INTERSIL-X40430 Datasheet
381Kb / 24P
Triple Voltage Monitor with Integrated CPU Supervisor
July 29, 2005
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
Triple Voltage Monitor with Integrated CPU Supervisor
May 24, 2006
X40030 INTERSIL-X40030_13 Datasheet
344Kb / 23P
Triple Voltage Monitor with Integrated CPU Supervisor
August 25, 2008
logo
Renesas Technology Corp
X40030 RENESAS-X40030 Datasheet
917Kb / 23P
Triple Voltage Monitor with Integrated CPU Supervisor
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com