Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOB340FT Datasheet (PDF) - Schneider Electric

QOB340FT Datasheet PDF - Schneider Electric
Part # QOB340FT
Download  QOB340FT Download
File Size   57.77 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 40 A, 3P, 120/240 V, 10 kA, Bolt on, FT

QOB340FT Datasheet (PDF)

Go To PDF Page Download Datasheet
QOB340FT Datasheet PDF - Schneider Electric

Part # QOB340FT
Download  QOB340FT Click to download

File Size   57.77 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 40 A, 3P, 120/240 V, 10 kA, Bolt on, FT

QOB340FT Datasheet (HTML) - Schneider Electric




Similar Part No. - QOB340FT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB340 SCHNEIDER-QOB340 Datasheet
139Kb / 3P
QO mini breaker, 40 A, 3 pole, 120/240 V, 10 kA, bolt on
QOB3401021 SCHNEIDER-QOB3401021 Datasheet
168Kb / 2P
Mini CB, QO, 40 A, 3P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB3401042 SCHNEIDER-QOB3401042 Datasheet
139Kb / 2P
Mini CB, QO, 40 A, 3P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB3401200 SCHNEIDER-QOB3401200 Datasheet
155Kb / 2P
Mini CB, QO, 40 A, 3P, 120/240 V, 10 kA, Bolt on, Aux Switch 1A
Feb 19, 2020
QOB3401201 SCHNEIDER-QOB3401201 Datasheet
139Kb / 2P
Mini CB, QO, 40 A, 3P, 120/240 V, 10 kA, Bolt on, Aux Switch 1B
Feb 19, 2020
More results


Similar Description - QOB340FT

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB330FT SCHNEIDER-QOB330FT Datasheet
157Kb / 2P
Mini CB, QO, 30 A, 3P, 120/240 V, 10 kA, Bolt on, FT
QOB3405238 SCHNEIDER-QOB3405238 Datasheet
139Kb / 2P
Mini CB, QO, 40 A, 3P, 120/240 V, 10 kA, Bolt on
QOB3405254 SCHNEIDER-QOB3405254 Datasheet
149Kb / 2P
Mini CB, QO, 40 A, 3P, 120/240 V, 10 kA, Bolt on
QOB325FT SCHNEIDER-QOB325FT Datasheet
57Kb / 2P
Mini CB, QO, 25 A, 3P, 120/240 V, 10 kA, Bolt on, FT
QOB340VHFT SCHNEIDER-QOB340VHFT Datasheet
57Kb / 2P
Mini CB, QO, 40 A, 3P, 120/240 V, 22 kA, Bolt on, FT
QOB345FT SCHNEIDER-QOB345FT Datasheet
132Kb / 2P
Mini CB, QO, 45 A, 3P, 120/240 V, 10 kA, Bolt on, FT
QOB350FT SCHNEIDER-QOB350FT Datasheet
139Kb / 2P
Mini CB, QO, 50 A, 3P, 120/240 V, 10 kA, Bolt on, FT
QOB360FT SCHNEIDER-QOB360FT Datasheet
64Kb / 2P
Mini CB, QO, 60 A, 3P, 120/240 V, 10 kA, Bolt on, FT
QOB390FT SCHNEIDER-QOB390FT Datasheet
57Kb / 2P
Mini CB, QO, 90 A, 3P, 120/240 V, 10 kA, Bolt on, FT
QOB3100FT SCHNEIDER-QOB3100FT Datasheet
121Kb / 2P
Mini CB, QO, 100 A, 3P, 120/240 V, 10 kA, Bolt on, FT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com