Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STX-3500 Datasheet (PDF) - Kycon, Inc.

STX-3500 Datasheet PDF - Kycon, Inc.
Part # STX-3500
Download  STX-3500 Download
File Size   487.33 Kbytes
Page   1 Pages
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.
Description Surface Mount 3.5mm Stereo Jack

STX-3500 Datasheet (PDF)

Go To PDF Page Download Datasheet
STX-3500 Datasheet PDF - Kycon, Inc.

Part # STX-3500
Download  STX-3500 Click to download

File Size   487.33 Kbytes
Page   1 Pages
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.
Description Surface Mount 3.5mm Stereo Jack

STX-3500 Datasheet (HTML) - Kycon, Inc.




Similar Part No. - STX-3500

ManufacturerPart #DatasheetDescription
logo
Kycon, Inc.
STX-3501 KYCON-STX-3501 Datasheet
373Kb / 1P
Right Angle 3.5mm Audio Jack
STX-3501-3N KYCON-STX-3501-3N Datasheet
373Kb / 1P
Right Angle 3.5mm Audio Jack
STX-3501-4N KYCON-STX-3501-4N Datasheet
373Kb / 1P
Right Angle 3.5mm Audio Jack
STX-35061 KYCON-STX-35061 Datasheet
403Kb / 1P
3.5mm Audio Jack, Through Hole, 4 Pole
STX-35061-3T KYCON-STX-35061-3T Datasheet
403Kb / 1P
3.5mm Audio Jack, Through Hole, 4 Pole
More results


Similar Description - STX-3500

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ-3525N CUI-SJ-3525N Datasheet
38Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3525NG CUI-SJ-3525NG Datasheet
38Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3545 CUI-SJ-3545 Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3545N CUI-SJ-3545N Datasheet
33Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3553NG CUI-SJ-3553NG Datasheet
36Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3535 CUI-SJ-3535 Datasheet
35Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3513-SMT CUI-SJ-3513-SMT Datasheet
41Kb / 1P
3.5mm SURFACE MOUNT AUDIO JACK - STEREO
SJ-3514-SMT CUI-SJ-3514-SMT Datasheet
43Kb / 1P
3.5mm SURFACE MOUNT AUDIO JACK-STEREO
SJ-3523NG CUI-SJ-3523NG Datasheet
57Kb / 1P
3.5mm AUDIO JACK-STEREO
SJ-3524N CUI-SJ-3524N Datasheet
37Kb / 1P
3.5MM AUDIO JACK STEREO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com