Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QOB33535 Datasheet (PDF) - Schneider Electric

QOB33535 Datasheet PDF - Schneider Electric
Part # QOB33535
Download  QOB33535 Download
File Size   132.19 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 35 A, 3P, 120/240 V, 10 kA, Bolt on, 50Deg

QOB33535 Datasheet (PDF)

Go To PDF Page Download Datasheet
QOB33535 Datasheet PDF - Schneider Electric

Part # QOB33535
Download  QOB33535 Click to download

File Size   132.19 Kbytes
Page   2 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Mini CB, QO, 35 A, 3P, 120/240 V, 10 kA, Bolt on, 50Deg

QOB33535 Datasheet (HTML) - Schneider Electric




Similar Part No. - QOB33535

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB335 SCHNEIDER-QOB335 Datasheet
140Kb / 3P
QO mini breaker, 35 A, 3 pole, 120/240 V, 10 kA, bolt on
Nov 27, 2019
QOB3351021 SCHNEIDER-QOB3351021 Datasheet
169Kb / 2P
Mini CB, QO, 35 A, 3P, 120/240 V, 10 kA, Bolt on, Shunt Trip
QOB3351042 SCHNEIDER-QOB3351042 Datasheet
157Kb / 2P
Mini CB, QO, 35 A, 3P, 120/240 V, 10 kA, Bolt on, Shunt Trip
Feb 19, 2020
QOB3351200 SCHNEIDER-QOB3351200 Datasheet
142Kb / 2P
Mini CB, QO, 35 A, 3P, 120/240 V, 10 kA, Bolt on, Aux Switch 1A
Feb 19, 2020
QOB3355238 SCHNEIDER-QOB3355238 Datasheet
141Kb / 2P
Mini CB, QO, 35 A, 3P, 120/240 V, 10 kA, Bolt on
More results


Similar Description - QOB33535

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
QOB135 SCHNEIDER-QOB135 Datasheet
125Kb / 3P
Mini CB, QO, 35 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB32035 SCHNEIDER-QOB32035 Datasheet
157Kb / 2P
Mini CB, QO, 20 A, 3P, 120/240 V, 10 kA, Bolt on, 50Deg
Dec 6, 2019
QOB23535 SCHNEIDER-QOB23535 Datasheet
123Kb / 2P
Mini CB, QO, 35 A, 2P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB31535 SCHNEIDER-QOB31535 Datasheet
157Kb / 2P
Mini CB, QO, 15 A, 3P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB36035 SCHNEIDER-QOB36035 Datasheet
140Kb / 2P
Mini CB, QO, 60 A, 3P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB37035 SCHNEIDER-QOB37035 Datasheet
140Kb / 2P
Mini CB, QO, 70 A, 3P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB39035 SCHNEIDER-QOB39035 Datasheet
122Kb / 2P
Mini CB, QO, 90 A, 3P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB13535 SCHNEIDER-QOB13535 Datasheet
110Kb / 2P
Mini CB, QO, 35 A, 1P, 120/240 V, 10 kA, Bolt on, 50Deg
QOB3355238 SCHNEIDER-QOB3355238 Datasheet
141Kb / 2P
Mini CB, QO, 35 A, 3P, 120/240 V, 10 kA, Bolt on
QOB31035 SCHNEIDER-QOB31035 Datasheet
149Kb / 2P
Mini CB, QO, 10 A, 3P, 120/240 V, 10 kA, Bolt on, 50Deg
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com