Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSC400-4334Q0022 Datasheet (PDF) - Microchip Technology

DSC400-4334Q0022 Datasheet PDF - Microchip Technology
Part # DSC400-4334Q0022
Download  DSC400-4334Q0022 Download
File Size   1710.05 Kbytes
Page   11 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Crystal-less??Configurable Clock Generator

DSC400-4334Q0022 Datasheet (PDF)

Go To PDF Page Download Datasheet
DSC400-4334Q0022 Datasheet PDF - Microchip Technology

Part # DSC400-4334Q0022
Download  DSC400-4334Q0022 Click to download

File Size   1710.05 Kbytes
Page   11 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Crystal-less??Configurable Clock Generator

DSC400-4334Q0022 Datasheet (HTML) - Microchip Technology


DSC400-4334Q0022 Product details

General Description
The DSC400-4334Q0022 is a four output crystal-less™ clock generator. It utilizes Microchips proven PureSilicon™ MEMS technology to provide excellent jitter and stability while incorporating additional device functionality.
The frequencies of the outputs can be identical or independently derived from two shared PLLs. Each output may be configured independently to support LVCMOS, LVPECL, LVDS, or HCSL output standards.
The DSC400-4334Q0022 provides two independent select lines for choosing between two sets of preconfigured frequencies per bank. It also has two OE pins to allow for enabling and disabling outputs.

Features
• Frequencies and output formats:
   - 125MHz HCSL x 2
   - 100MHz LVDS x 2
• Low RMS phase jitter: <1ps (typ)
• High stability: ±50ppm, ±25ppm
• Wide temperature range
   - Industrial: -40°C to +85°C
   - Ext. commercial: -20°C to +70°C
• High supply noise rejection: -50dBc
• Available pin-selectable frequency table
   - 1 pin per bank for 2 frequency sets
• Excellent shock & vibration immunity
   - Qualified to MIL-STD-883
• High reliability
   - 20x better MTF than quartz based devices
• Supply range of 2.25V to 3.6V
• AEC-Q100 automotive qualified
• 20-pin 5mm x 3.2mm QFN package

Applications
• Communications and Networks
• Ethernet
   - 1G, 10GBASE-T/KR/LR/SR, and FCoE
• Storage Area Networks
   - SATA, SAS, Fibre Channel
• Passive Optical Networks
   - EPON, 10G-EPON, GPON, 10G-GPON
• HD/SD/SDI Video & Surveillance
• Automotive
• Media and Video
• Embedded and Industrial




Similar Part No. - DSC400-4334Q0022

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC400-4334Q0023 MICROCHIP-DSC400-4334Q0023 Datasheet
1Mb / 11P
Crystal-less??Configurable Clock Generator
February 12, 2018 Revision 1.0
DSC400-4334Q0023KE1 MICROCHIP-DSC400-4334Q0023KE1 Datasheet
1Mb / 11P
Crystal-less??Configurable Clock Generator
February 12, 2018 Revision 1.0
DSC400-4334Q0023KE1T MICROCHIP-DSC400-4334Q0023KE1T Datasheet
1Mb / 11P
Crystal-less??Configurable Clock Generator
February 12, 2018 Revision 1.0
DSC400-4334Q0023KE2 MICROCHIP-DSC400-4334Q0023KE2 Datasheet
1Mb / 11P
Crystal-less??Configurable Clock Generator
February 12, 2018 Revision 1.0
DSC400-4334Q0023KE2T MICROCHIP-DSC400-4334Q0023KE2T Datasheet
1Mb / 11P
Crystal-less??Configurable Clock Generator
February 12, 2018 Revision 1.0
More results


Similar Description - DSC400-4334Q0022

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC400-0103Q0102 MICROCHIP-DSC400-0103Q0102 Datasheet
1Mb / 11P
Crystal-less??Configurable Clock Generator
June 21, 2017 Revision 1.0
DSC400-0202Q0106 MICROCHIP-DSC400-0202Q0106 Datasheet
1Mb / 10P
Crystal-less??Configurable Clock Generator
August 23, 2017 Revision 1.0
DSC400-0202Q0109 MICROCHIP-DSC400-0202Q0109 Datasheet
1Mb / 10P
Crystal-less??Configurable Clock Generator
August 23, 2017 Revision 1.0
logo
Micrel Semiconductor
DSC400-1111Q0001 MICREL-DSC400-1111Q0001 Datasheet
1,007Kb / 10P
Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC400-1111Q0091 MICROCHIP-DSC400-1111Q0091 Datasheet
1Mb / 10P
Crystal-less??Configurable Clock Generator
December 08, 2016 Revision 1.0
DSC400-3331Q0097 MICROCHIP-DSC400-3331Q0097 Datasheet
1Mb / 11P
Crystal-less??Configurable Clock Generator
April 27, 2017 Revision 1.0
logo
Micrel Semiconductor
DSC400-3333Q0078 MICREL-DSC400-3333Q0078 Datasheet
1Mb / 10P
Crystal-less??Configurable Clock Generator
DSC400-4244Q0023 MICREL-DSC400-4244Q0023 Datasheet
1Mb / 11P
Crystal-less??Configurable Clock Generator
DSC400-4244Q0069 MICREL-DSC400-4244Q0069 Datasheet
1Mb / 11P
Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2010FI2-B0015 MICROCHIP-DSC2010FI2-B0015 Datasheet
1Mb / 6P
Crystal-less??Configurable Clock Generator
July 07, 2016 Revision 1.0
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com